Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 21Page - STMicroelectronics TSC2010H Datasheet HTML 22Page - STMicroelectronics TSC2010H Datasheet HTML 23Page - STMicroelectronics TSC2010H Datasheet HTML 24Page - STMicroelectronics TSC2010H Datasheet HTML 25Page - STMicroelectronics TSC2010H Datasheet HTML 26Page - STMicroelectronics TSC2010H Datasheet HTML 27Page - STMicroelectronics TSC2010H Datasheet HTML 28Page - STMicroelectronics TSC2010H Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Output common mode range
The TSC2011H output common mode voltage level can be set thanks to voltages applied on the VREF1 and
VREF2 pins. These two pins allow the device to be set either in bidirectional or in unidirectional operation. The
voltage applied to those pins must not exceed the Vcc range. The different configurations are detailed in the
section Unidirectional/Bidirectional operation.
As depicted by Figure 4, VREF1 and VREF2 pins can be driven by an external voltage source capable of
sourcing/sinking a current following the equation below:
Iref= Vicm−Vref
5kΩ+275kΩ+25kΩ
(1)
Figure 57. Vref powered by an external voltage source
When the output common mode voltage is supplied by an external power supply, in order to improve the output
voltage measurement, it is recommended to measure the Vout differentially with respect to Vref voltage. It provides
a better CMRR measurement, better noise immunity and also a more accurate Vout voltage. A decoupling
capacitance of 1 nF minimum can be also added to better filter the power supply, and can also be used as a tank
capacitance in case an ADC is connected to this reference voltage.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 25/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com