Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 8Page - STMicroelectronics TSC2010H Datasheet HTML 9Page - STMicroelectronics TSC2010H Datasheet HTML 10Page - STMicroelectronics TSC2010H Datasheet HTML 11Page - STMicroelectronics TSC2010H Datasheet HTML 12Page - STMicroelectronics TSC2010H Datasheet HTML 13Page - STMicroelectronics TSC2010H Datasheet HTML 14Page - STMicroelectronics TSC2010H Datasheet HTML 15Page - STMicroelectronics TSC2010H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Figure 11. Input offset voltage vs. input common mode
with VCC = 2.7 V
-20
-10
0
10
20
30
40
50
60
70
-
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
- 0
- 0
- 0
0
T=150°C
T=-40°C
T=0°C
T=-20°C
T=85°C
Vref=Vcc/2
Vsense =0V
Vcc=2.7V
T=25°C
T=125°C
Vicm (V)
Figure 12. Input offset voltage vs. input common mode
with VCC = 5 V
-20
-10
0
10
20
30
40
50
60
70
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
-
-
-
T=150°C
T=-40°C
T=0°C
T=-20°C
T=85°C
Vref=Vcc/2
Vsense=0V
Vcc=5V
T=25°C
T=125°C
Vicm (V)
Figure 13. Input offset voltage vs. supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
3.0
3.5
4.0
4.5
5.0
5.5
-500
-400
-300
-200
-100
0
100
200
300
400
500
-400
-200
0
200
400
Vicm=5V
Vicm=48V
Vicm= -20V
Vicm=1V
Vicm= -10V
Vref=Vcc/2
Vsense=0V
T=25°C
Vicm=12V
Vicm=70V
Vcc (V)
Figure 14. Output current vs. output voltage
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
-40
-30
-20
-10
0
10
20
30
40
Isource
Isink
Vcc=5.5V
Vcc=2.7V
Vref=Vcc/2
Vsense=100mV
Vicm=12V
T=25°C
Vcc=3.3V
Vout (V)
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 12/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com