Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 16Page - STMicroelectronics TSC2010H Datasheet HTML 17Page - STMicroelectronics TSC2010H Datasheet HTML 18Page - STMicroelectronics TSC2010H Datasheet HTML 19Page - STMicroelectronics TSC2010H Datasheet HTML 20Page - STMicroelectronics TSC2010H Datasheet HTML 21Page - STMicroelectronics TSC2010H Datasheet HTML 22Page - STMicroelectronics TSC2010H Datasheet HTML 23Page - STMicroelectronics TSC2010H Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Figure 45. PSRR vs. frequency
100
1k
10k
100k
1M
10M
0
-20
-40
-60
-80
-100
-120
Vcc=5V
Vcc=3.3V
Vcc=2.7V
Vicm=12V
Vripple=100mVpp
T=25°C
Frequency (Hz)
Figure 46. CMRR vs. frequency
100
1k
10k
100k
1M
10M
0
-20
-40
-60
-80
-100
-120
Vcc=5V
Vcc=3.3V
Vcc=2.7V
Vicm=12V
Vripple=100mVpp
T=25°C
Frequency (Hz)
Figure 47. Positive overvoltage recovery VCC = 2.7 V
-3µ
-2µ
-1µ
0
0
1
2
3
-100
-50
0
50
100
150
200
Time (s)
Vout
Vsense
Vcc=2.7V,
Vicm=12V,
CI=100pF
T=25°C
Lorem ipsum
Figure 48. Negative overvoltage recovery VCC = 2.7 V
-3µ
-2µ
-1µ
0
-3
-2
-1
0
-200
-150
-100
-50
0
50
100
Time (s)
Vout
Vsense
Vcc=2.7V,
Vicm=12V,
CI=100pF,
T=25°C
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 20/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com