Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011H Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 11Page - STMicroelectronics TSC2011H Datasheet HTML 12Page - STMicroelectronics TSC2011H Datasheet HTML 13Page - STMicroelectronics TSC2011H Datasheet HTML 14Page - STMicroelectronics TSC2011H Datasheet HTML 15Page - STMicroelectronics TSC2011H Datasheet HTML 16Page - STMicroelectronics TSC2011H Datasheet HTML 17Page - STMicroelectronics TSC2011H Datasheet HTML 18Page - STMicroelectronics TSC2011H Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Figure 23. Gain error vs. input common mode
-20
-10
0
10
20
30
40
50
60
70
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Vcc=5V
Vref=Vcc/2
T=25°C
Vcc=2.7V
Vcc=3.3V
Vicm (V)
Figure 24. Gain error vs. input common mode and
temperature
-2
0
-10
0
10
20
30
40
50
60
70
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
.
T=150°C
T=-40°C
Vref=Vcc/2
vcc=5V
T=25°C
T=125°C
Vicm (V)
Figure 25. Load regulation with VCC = 5 V
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
1.10
1.15
1.20
1.25
1.30
Vicm=12V
Vicm=70V
Vicm=0V
Isource
Isink
Vicm=-20V
Vref=Vcc/2
Vsense=19.8mV
Vcc=5V
T=25°C
Iout (mA)
Figure 26. Gain vs. frequency
1
10
100
1000
10000
-40
-20
0
20
40
Frequency (kHz)
Vicm = 12 V, Vref = Vcc / 2
Rl = 10kΩ ,Cl = 100 pF connected to Vcc / 2
Vcc = 3.3 V
Vcc = 2.7 V
Vcc = 5 V
Figure 27. Gain vs. frequency VCC = 5 V
1
10
100
1000
10000
-40
-20
0
20
40
Frequency (kHz)
Vicm = 12 V, Vref = Vcc / 2
Rl = 10kΩ ,Cl = 100 pF connected to Vcc / 2
Vcc = 3.3 V
Vcc = 2.7 V
Vcc = 5 V
Figure 28. Gain vs. frequency different capacitive load
1
10
100
1000
10000
-40
-20
0
20
40
Frequency (kHz)
Vcc=5V, Vicm=12V, Vref=Vcc/2
RI=10kΩ connected to Vcc/2
CI = 330 pF
CI = 100 pF
CI = 470 pF
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 15/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com