Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011H Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 27Page - STMicroelectronics TSC2011H Datasheet HTML 28Page - STMicroelectronics TSC2011H Datasheet HTML 29Page - STMicroelectronics TSC2011H Datasheet HTML 30Page - STMicroelectronics TSC2011H Datasheet HTML 31Page - STMicroelectronics TSC2011H Datasheet HTML 32Page - STMicroelectronics TSC2011H Datasheet HTML 33Page - STMicroelectronics TSC2011H Datasheet HTML 34Page - STMicroelectronics TSC2011H Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
The linearity is not taken into account in the error calculus as it represents 0.03% of error only and it is negligible.
Nevertheless, as the gain error has been calculated thanks to the best fit line approach, it gives the information
that the gain error can be relatively constant throughout the linear input range of the TSC2011H.
Equation 10 has been described for a temperature of 25 °C. For sure with a temperature variation, Dvio/DT error
term must be added. And if the power supply is susceptible to change, the SVR parameter must also be taken
into account.
•
Example
Let us consider that the maximum total error can happen on the output of the TSC2011H.
•
Use case:
–
Vcc = 5 V
–
Vicm = 24 V
–
Vocm = 2.5 V
–
Temperature = 25 °C
–
Iload = 5 A
–
Shunt 5 mΩ with 1% accuracy
Theoretically the expected output voltage should be Vout = Rshunt * Iload *60 + Vocm = 4 V.
From the equations above, all the error terms are detailed by using the maximum value of the electrical
characteristics (when available), in order to express as much as possible, the worst case condition. The % error
on output of the following table is expressed in reference to Vout – Vref, so in this typical example: 1.5 V.
Table 6. Gain error
Error source
Calculus
Output voltage error
% error on
output
Gain error
60*5.10−3*5*0.3%
4.5 mV
0.3%
Vio error
60*500µV
30 mV
2%
CMRR error
60*24V−12V
109020
22.7 mV
1.5%
Vocm error
2.5*0.1%
2.5 mV
0.2%
Noise
60*29nVHz 10kHz*ln10k −ln0.1 +750kHz*π2−0.1Hz 1.98mVRMS 0.4%(1)
Total
60 mV
+1.98 mVRMS
4.4%
1. The percentage is based on voltage peak value, which is 3 times RMS value.
So the maximum output voltage in the worst case condition at ambient temperature is 4.060 V + 1.98 mVRMS
instead of 4 V expected. This represents an error on the current reading of about 4.4%. 1% more must be added
due to the shunt accuracy.
This calculus comes from all the maximum values and all the error terms which have been added to each other,
meaning that the chance of getting 4.4% precision in the use case above is extremely low and on the whole
population, the error is largely smaller.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 31/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com