Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011H Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 12Page - STMicroelectronics TSC2011H Datasheet HTML 13Page - STMicroelectronics TSC2011H Datasheet HTML 14Page - STMicroelectronics TSC2011H Datasheet HTML 15Page - STMicroelectronics TSC2011H Datasheet HTML 16Page - STMicroelectronics TSC2011H Datasheet HTML 17Page - STMicroelectronics TSC2011H Datasheet HTML 18Page - STMicroelectronics TSC2011H Datasheet HTML 19Page - STMicroelectronics TSC2011H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Figure 29. Gain vs. frequency different capacitive load
(TSC2010H)
1
10
100
1000
10000
-40
-20
0
20
40
Frequency (kHz)
Cl = 680 pF
Vcc = 5 V, Vicm = 12 V, Vref = Vcc/2
Rl = 10 kΩ connected to Vcc/2
Cl = 330 pF
Cl = 100 pF
Cl = 470 pF
Figure 30. Gain vs. frequency different capacitive load
(TSC2012H)
1
10
100
1000
10000
-40
-20
0
20
40
Frequency (kHz)
Cl = 680 pF
Vcc = 5 V, Vicm = 12 V, Vref = Vcc / 2
RI = 10kΩ connected to Vcc / 2
Cl = 330 pF
Cl = 100 pF
Cl = 470 pF
Figure 31. Bandwidth vs. input common mode
-20 -10
0
10
20
30
40
50
60
70
0.0
100.0k
200.0k
300.0k
400.0k
500.0k
600.0k
700.0k
800.0k
900.0k
1.0M
1.1M
.
.
.
T=150°C
T=-40°C
Vref=Vcc/2
Vcc=5V
Rl=10kΩ,Cl=100pFconnected to Vcc/2
T=125°C
T=25°C
Vicm (V)
Figure 32. Bandwidth vs. input common mode
(TSC2010H)
-20
-10
0
10
20
30
40
50
60
70
0
0.0
100.0k
200.0k
300.0k
400.0k
500.0k
600.0k
700.0k
800.0k
900.0k
1.0M
1.1M
1.2M
.
.
.
.
.
Vref =Vcc/2
Vcc =5V
Rl=10kΩ, Cl=100pFconnected to Vcc/2
T=125°C
Vicm (V)
T=25°C
T=-40°C
T=150°C
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 16/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com