Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011H Datasheet(PDF) 40 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 36Page - STMicroelectronics TSC2011H Datasheet HTML 37Page - STMicroelectronics TSC2011H Datasheet HTML 38Page - STMicroelectronics TSC2011H Datasheet HTML 39Page - STMicroelectronics TSC2011H Datasheet HTML 40Page - STMicroelectronics TSC2011H Datasheet HTML 41Page - STMicroelectronics TSC2011H Datasheet HTML 42Page - STMicroelectronics TSC2011H Datasheet HTML 43Page - STMicroelectronics TSC2011H Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Figure 80. TSC2011H H-bridge application
-50µ
-40µ
-30µ
-20µ
-10µ
0
10µ
20µ
30µ
40µ
50µ
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-0.48
-0.24
0.00
0.24
0.48
0.72
0.96
1.20
Time (s)
Vicm variation from 0V to 12V
Vout
Current flowing into the motor
After a fast variation of the input common mode, the TSC2011H needs less than 5 µs to recover its normal
behavior.
5.13.2
Solenoid valve
In automotive applications, the automatic transmission relies on bands and clutches to change gears, and the
only way they can be applied is by fluid pressure. The transmission solenoid is responsible for opening or closing
valves in the valve body to allow transmission fluid to enter, at which point the fluid can pressurize the clutches
and bands. Solenoids consist of a spring loaded plunger wrapped with a coil of wire, and it is generally driven
thanks to a MOS transistor.
In the schematic below the TSC2011H is used in mono-directional mode. When the MOS is ON, the current can
flow through the solenoid and actuate this one. The input common mode is high in this case.
When the MOS is turned OFF, as the current stored in the solenoid cannot stop instantaneously, the diode turns
ON allowing a freewheeling to discharge the solenoid resulting in a common mode one diode voltage drop below
ground.
Thanks to its large input common mode range, the TSC2011H can be used for such applications depicted in the
figure below.
In order not to saturate the output when no current is flowing into Rsense, a small voltage on Vref has to be applied.
TSC2010H, TSC2011H, TSC2012H
Application information
DS13791 - Rev 2
page 40/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com