Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2011H Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSC2011H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSC2011H Datasheet HTML 17Page - STMicroelectronics TSC2011H Datasheet HTML 18Page - STMicroelectronics TSC2011H Datasheet HTML 19Page - STMicroelectronics TSC2011H Datasheet HTML 20Page - STMicroelectronics TSC2011H Datasheet HTML 21Page - STMicroelectronics TSC2011H Datasheet HTML 22Page - STMicroelectronics TSC2011H Datasheet HTML 23Page - STMicroelectronics TSC2011H Datasheet HTML 24Page - STMicroelectronics TSC2011H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Figure 49. Overvoltage recovery vs. Vicm VCC = 5 V
-20
-10
0
10
20
30
40
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
Positive recovery time
Negative recovery time
Vref = Vcc / 2
Vcc = 5 V,
T = 25 °C
Vout = 100 mV drop after Vsense edge
Vicm (V)
Figure 50. Noise vs. frequency
100m
1
10
100
1k
10k
100k
1M
1
10
100
1000
10000
Frequency (Hz)
5V
2.7V
3.3V
Vicm=Vcc/2
Tamb=25°C
Figure 51. ON/OFF delay for shutdown mode
-10µ
0
10µ
20µ
30µ
40µ
50µ
60µ
70µ
-3
-2
-1
0
1
2
3
VSHDN
Vref=Vcc/2
Vsense=20mV,
Vcc=5V, Vicm=12V,
RI=10k
Ω connected to Vcc-,
T=25°C
Vout
Time (s)
Figure 52. Output voltage vs. Vsense beyond the sense
operating
-7 -6 -5 -4 -3 -2 -1 0
1
2
3
4
5
6
7
-4.0
-3.2
-2.4
-1.6
-0.8
0.0
0.8
1.6
2.4
3.2
4.0
Vout phase reversal for Vsense<-4V
Vref=Vcc/2
Vcc=5V
Vicm=12V
T=25°C
Vsense (V)
TSC2010H, TSC2011H, TSC2012H
Electrical characteristics
DS13791 - Rev 2
page 21/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com