Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSC2010_V01 Datasheet HTML 4Page - STMicroelectronics TSC2010_V01 Datasheet HTML 5Page - STMicroelectronics TSC2010_V01 Datasheet HTML 6Page - STMicroelectronics TSC2010_V01 Datasheet HTML 7Page - STMicroelectronics TSC2010_V01 Datasheet HTML 8Page - STMicroelectronics TSC2010_V01 Datasheet HTML 9Page - STMicroelectronics TSC2010_V01 Datasheet HTML 10Page - STMicroelectronics TSC2010_V01 Datasheet HTML 11Page - STMicroelectronics TSC2010_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Table 5. Electrical characteristics (Vcc = 5 V, Vicm = 12 V, T = 25 °C unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
Icc
Current consumption
Vicm = -20 to 70 V
Tmin < T < Tmax
1.6
2.4
2.4
mA
Current consumption with
shutdown active
Vicm = - 20 to 70 V
Tmin < T < Tmax
20
50
150
µA
SVR
Supply voltage rejection
Vcc = 2.7 to 5.5 V
Tmin < T < Tmax
80
75
100
dB
Input
|Vos|
Offset voltage (RTI) (1)
Vicm = 1 V
Tmin < T < Tmax
200
700
µV
Vicm = 12 V
Tmin < T < Tmax
500
1100
|ΔVos/ΔT|
Offset drift vs. temperature
Vicm = 1 V, Tmin < T < Tmax
5
µV/°C
Vicm = 12 V, Tmin < T < Tmax
8
CMR
Common mode rejection
Vicm = -20 to 70 V, DC mode
Tmin < T < Tmax
90
85
120
dB
Iib+
Input bias current
Vicm = 12 V
Tmin < T < Tmax, Vicm = -20 to 70 V
-400
350
600
µA
Iib-
Input bias current
Vicm = 12 V
Tmin < T < Tmax, Vicm= - 20 to 70 V
-150
100
350
|Vsense|
Vsense operating range with Eg
≤ 0.3% (2)
TSC2010
Tmin < T < Tmax
238.3
237.1
mV
TSC2011
Tmin < T < Tmax
78
77.6
TSC2012
Tmin < T < Tmax
46.9
45.7
Output
G
Gain
TSC2010
20
V/V
TSC2011
60
TSC2012
100
Eg
Gain error vs. temperature
ΔVout = 100 mV to (Vcc - 100 mV)
Tmin < T < Tmax
0.3
0.3
%
ΔEg/ΔT
Gain error drift
Tmin < T < Tmax
25
ppm/°C
NLE
Linearity error
Vicm = 12 V
0.03
%
Vcc - Voh
Drop voltage output high
Isource = 0.2 mA
Tmin < T < Tmax
15
30
35
mV
Vol
Output voltage low
Isink = 0.2 mA
Tmin < T < Tmax
26
40
50
mV
TSC2010, TSC2011, TSC2012
Electrical characteristics
DS13057 - Rev 7
page 8/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com