Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSC2010_V01 Datasheet HTML 13Page - STMicroelectronics TSC2010_V01 Datasheet HTML 14Page - STMicroelectronics TSC2010_V01 Datasheet HTML 15Page - STMicroelectronics TSC2010_V01 Datasheet HTML 16Page - STMicroelectronics TSC2010_V01 Datasheet HTML 17Page - STMicroelectronics TSC2010_V01 Datasheet HTML 18Page - STMicroelectronics TSC2010_V01 Datasheet HTML 19Page - STMicroelectronics TSC2010_V01 Datasheet HTML 20Page - STMicroelectronics TSC2010_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Figure 31. Bandwidth vs. input common mode
-20
-10
0
10
20
30
40
50
60
70
0.0
100.0k
200.0k
300.0k
400.0k
500.0k
600.0k
700.0k
800.0k
900.0k
1.0M
1.1M
T = -40°C
Vref=Vcc/2
Vcc=5V
Rl=10kΩ, Cl=100pF connected to Vcc/2
T =125°C
T = 25°C
Vicm (V)
Figure 32. Bandwidth vs. input common mode (TSC2010)
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
0.0
100.0k
200.0k
300.0k
400.0k
500.0k
600.0k
700.0k
800.0k
900.0k
1.0M
1.1M
1.2M
0.0
200.0k
400.0k
600.0k
800.0k
1.0M
1.2M
Vref = Vcc/2
Vcc = 5 V
Rl = 10 kΩ,Cl = 100pF connected to Vcc/2
T = 125°C
Vicm (V)
T = 25 °C
T = -40 °C
Figure 33. Bandwidth vs. input common mode (TSC2012)
-20 -10
0
10
20
30
40
50
60
70
0.0
100.0k
200.0k
300.0k
400.0k
500.0k
600.0k
700.0k
800.0k
900.0k
Vref=Vcc/2
Vcc=5V
Rl=10kΩ ,Cl=100pF connected to Vcc/2
T=125°C
Vicm (V)
T=25°C
T=-40°C
Figure 34. Overshoot vs. capacitive load
100
200
300
400
500
600
700
0
5
10
15
20
25
30
35
40
0
TSC2010
Vsensestep=30mVpp
TSC2012
Vsensestep=6mVpp
TSC2011
Vsensestep=10mVpp
Vcc = 5 V,
Vref=Vcc/2, Vicm[-20V:70V],
Rl = 10 kΩ, Cl connect to Gnd
Capacitive load (pF)
-
TSC2010, TSC2011, TSC2012
Electrical characteristics
DS13057 - Rev 7
page 17/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com