Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSC2010_V01 Datasheet HTML 25Page - STMicroelectronics TSC2010_V01 Datasheet HTML 26Page - STMicroelectronics TSC2010_V01 Datasheet HTML 27Page - STMicroelectronics TSC2010_V01 Datasheet HTML 28Page - STMicroelectronics TSC2010_V01 Datasheet HTML 29Page - STMicroelectronics TSC2010_V01 Datasheet HTML 30Page - STMicroelectronics TSC2010_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010_V01 Datasheet HTML 32Page - STMicroelectronics TSC2010_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
5.6
Error calculation
The principal source of error, such as: input offset voltage, gain error, common mode rejection ration, are
described separately in the electrical characteristics. This chapter summarizes the most important error to take
into account during a design phase.
•
Input offset voltage error
The equation 2 depicts a first order error calculation just by taking into account the input offset voltage. In a
temperature environment, the deviation of the Vio and the error linked to the input offset on the output voltage can
be written as equation 4:
Vio Error= ±Vio±Dvio/Dt*Gain
(4)
•
Gain error and shunt resistance accuracy
Gain error=Gain1+εgain
(5)
Rsense error=Gain1+εRsense
(6)
Where
εgainisthegainerror0.3%maxfortheTSC2011.
Where
εRsenseistheshuntresistanceerror.Shuntresistorsfrom5mΩto100mΩareavailablewith1%
accuracy or better.
•
CMR error
In the electrical characteristics, CMR is specified at one input common mode voltage. So in order to take into
consideration the variation of the input voltage offset depending the Vicm, the calculus must be done till this known
point. Let us get the Vicm = 12 V as reference point.
So the error on Vout due to a common mode voltage variation can be written as the equation 7:
CMR error=±Vicm−12V
CMR *Gain
(7)
•
Output common mode error (Vocm)
This error can be taken into account when the output common mode voltage is set like suggested in the
Figure 62. Schematic for Vocm error, and so by using the internal divider bridge. Otherwise it is important to take
into consideration the error linked to the voltage source applied on the VRef1 pin and Vref2 pin.
Figure 62. Schematic for Vocm error
The divider bridge is made by two resistances of 50 kΩ given an output common mode voltage of:
Vref1+Vref2
2
TSC2010, TSC2011, TSC2012
Application information
DS13057 - Rev 7
page 29/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com