Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSC2010_V01 Datasheet HTML 5Page - STMicroelectronics TSC2010_V01 Datasheet HTML 6Page - STMicroelectronics TSC2010_V01 Datasheet HTML 7Page - STMicroelectronics TSC2010_V01 Datasheet HTML 8Page - STMicroelectronics TSC2010_V01 Datasheet HTML 9Page - STMicroelectronics TSC2010_V01 Datasheet HTML 10Page - STMicroelectronics TSC2010_V01 Datasheet HTML 11Page - STMicroelectronics TSC2010_V01 Datasheet HTML 12Page - STMicroelectronics TSC2010_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iout
Output current
Sink mode
Tmin < T < Tmax
25
15
36
50
60
mA
Source mode
Tmin < T < Tmax
12
8
25
45
55
Reg Load
Load regulation
Iout = -10 to +10 mA
0.3
1.5
mV/mA
OFFSET adjustment
Rt
Ratiometric accuracy
0.5
V/V
Acc
Accuracy, RTO
Voltage applied to Vref1 and Vref2 in
parallel
0.1
%
Dynamic performance
BW
Small signal -3 dB bandwidth
Rl = 10 kΩ, Cl = 100 pF
kHz
TSC2010
650
820
TSC2010, Tmin < T < Tmax
330
TSC2011
600
750
TSC2011, Tmin < T < Tmax
300
TSC2012
390
490
TSC2012, Tmin < T < Tmax
200
SR
Slew rate
Rl = 10 kΩ, Cl = 100 pF, Vicm = 1 V
V/µs
TSC2010, Vsense = 230 mV
5.7
7.5
TSC2010, Tmin < T < Tmax
4.4
TSC2011, Vsense = 78 mV
5.4
7
TSC2011, Tmin < T < Tmax
4.1
TSC2012, Vsense = 47 mV
4.4
5.2
TSC2012, Tmin < T < Tmax
3.2
En
Noise, RTI
Spectral density, RTI
0.1 Hz to 10 Hz
f = 1 kHz
37
100
µVpp
nV/√Hz
Shutdown function (active high)
Vil
Logical low level
0
0.3xVcc
V
Vih
Logical high level
0.7xVcc
Vcc
Iih
Leakage current
Vshdn = Vcc (Shutdown mode)
1.2
µA
Ton
Turn-on time
Vshdn= 5 V to 0 V, Rl = 10 kΩ
µs
TSC2011
6
TSC2010, TSC2012
8
Toff
Turn-off time
Vshdn = 0 V to 5 V, Rl= 10 kΩ
µs
TSC2011
4
TSC2010, TSC2012
5
Iout
Output leakage current
Shdn active
50
nA
1. RTI stands for “Related to input”.
2. Vsense = (Vin+) – (Vin-).
TSC2010, TSC2011, TSC2012
Electrical characteristics
DS13057 - Rev 7
page 9/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com