Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TSC2010_V01 Datasheet HTML 31Page - STMicroelectronics TSC2010_V01 Datasheet HTML 32Page - STMicroelectronics TSC2010_V01 Datasheet HTML 33Page - STMicroelectronics TSC2010_V01 Datasheet HTML 34Page - STMicroelectronics TSC2010_V01 Datasheet HTML 35Page - STMicroelectronics TSC2010_V01 Datasheet HTML 36Page - STMicroelectronics TSC2010_V01 Datasheet HTML 37Page - STMicroelectronics TSC2010_V01 Datasheet HTML 38Page - STMicroelectronics TSC2010_V01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
5.9
Power supply recommendation
In order to decouple correctly the TSC2011, a 100 nF bypass capacitor can be placed between Vcc and Gnd. This
capacitor must be placed as closer as possible to the supply pins. The figure below shows a start-up time with a
decoupling capacitance of 100 nF.
Figure 71. Start-up time with a decoupling capacitance of 100 nF
-200µ
0
200µ
400µ
600µ
800µ
-3
-2
-1
0
1
2
3
4
5
6
Vcc
Vref=0V
Vsense=20mV,
Vcc=5V, Vicm=12V,
RI=10k
Ω
, Cl=10pF connected to Vcc-,
T=25°C
Vout
Time (s)
Vref pin is used to fix the output common mode voltage and it is driven by a low impedance voltage source and
can be decoupled thanks to a 10 nF bypass capacitor.
A greater bypass capacitor added on Vcc pin and Vref pin helps to enhance CMRR and PSRR performance.
5.10
PCB layout recommendations
The layout of the PCB tracks connected to the current sensing, load and power supply is very important. It is a
good practice to use short and wide PCB traces to minimize voltage drops and parasitic inductance.
When a shunt resistance, lower than 1 Ω, is used, a 4-wire connection technique should be used to sense the
current as described in the schematic below. This technique separates pairs of current carrying and voltage-
sensing electrodes to make more accurate measurements by eliminating the lead and contact resistance from the
measurement.
The track connected to the input pin of the TSC2011 has to be considered as a differential pair, it must have the
same length and width, and ideally placed on the same PCB plane, and above all must be routed as far as
possible from noisy source. As this track carries the input bias current, in a range of hundreds of µA, it can be
designed small but always by taking care of its resistivity. Any via in these input tracks are non-recommended to
avoid any parasitic resistance in this path.
To minimize parasitic impedance over the entire surface, a multi-via technique that connects the bottom and top
layer ground planes together in many locations is often used.
A ground plane generally helps to reduce EMI, that is why a multilayer PCB use is suggested as well as the
ground planes as a shield to protect the internal track. In this case, the digital from the analog ground must be
separated and any ground loop must be avoided. Loop area or antenna must be reduced to minimize EMI impact.
The Figure 72. Recommended layout suggests a possible routing for the TSC2011, in order to minimum parasitic
effect.
TSC2010, TSC2011, TSC2012
Application information
DS13057 - Rev 7
page 35/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com