Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC210 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSC210 Datasheet HTML 15Page - STMicroelectronics TSC210 Datasheet HTML 16Page - STMicroelectronics TSC210 Datasheet HTML 17Page - STMicroelectronics TSC210 Datasheet HTML 18Page - STMicroelectronics TSC210 Datasheet HTML 19Page - STMicroelectronics TSC210 Datasheet HTML 20Page - STMicroelectronics TSC210 Datasheet HTML 21Page - STMicroelectronics TSC210 Datasheet HTML 22Page - STMicroelectronics TSC210 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
So the maximum output voltage in worst case condition at ambient temperature is 3.768 V + 0.75 mVRMS instead
of 3.75 V expected. This represents an error on the current reading of about 2.1%. 1% more must be added due
to the shunt accuracy.
It is important to note that this calculus has been done by using all the maximum values and all the error terms
have been added to each other, meaning that the chance of getting 2.1% precision in the above use case is
extremely low and on the whole population, the error is considerably smaller.
6.7
Stability
•
Driving switched capacitive loads
Some ADC get their signal thanks to a sample and hold capacitor. If before a sampling this capacitance is fully
discharged, a fast current load can appear on the output of the TSC21x during the sampling phase.
The scope probe below in Figure 36 shows the output voltage of the TSC213 excited through a 40 pF capacitor
with a 3.3 Vpp signal at 5 kHz to simulate the sample and hold circuit of an ADC.
Figure 36. Capacitive load response at Vcc = 3.3 V
-40µ
-20µ
0
20µ
40µ
60µ
80µ
100µ
120µ
140µ
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
Time (s)
Sample and hold
Vout
Vcc = 3.3 V, Vicm = 1.65V, Vsense = 0Vpp
T = 25°C,
5 kHz square signal of 3.3 V amplitude
injected in the output through 47pF
The graph in Figure 36 shows the behavior of the output of the TSC213 under worst case condition, as for
example, when there is an ADC channel change between two measurements.
If a single channel is used, the change on the sample and hold capacitance is certainly very small, and so the
recovery time is extremely low as described by Figure 37.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com