Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC210 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TSC210 Datasheet HTML 30Page - STMicroelectronics TSC210 Datasheet HTML 31Page - STMicroelectronics TSC210 Datasheet HTML 32Page - STMicroelectronics TSC210 Datasheet HTML 33Page - STMicroelectronics TSC210 Datasheet HTML 34Page - STMicroelectronics TSC210 Datasheet HTML 35Page - STMicroelectronics TSC210 Datasheet HTML 36Page - STMicroelectronics TSC210 Datasheet HTML 37Page - STMicroelectronics TSC210 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Block diagram .................................................................... 3
Figure 3.
Input offset voltage production distribution ................................................. 7
Figure 4.
Input offset voltage vs. temperature...................................................... 7
Figure 5.
Common-mode rejection ratio production distribution.......................................... 7
Figure 6.
Common mode rejection ratio vs. temperature .............................................. 7
Figure 7.
Gain vs. frequency ................................................................. 7
Figure 8.
Power supply rejection ratio vs. frequency ................................................. 7
Figure 9.
Common mode rejection ratio vs. frequency ................................................ 8
Figure 10.
Positive output voltage swing vs. output current VCC = 2.7 V .................................... 8
Figure 11.
Negative output voltage swing vs. output current VCC = 2.7 V .................................... 8
Figure 12.
Positive output voltage swing vs. output current VCC = 5 V ...................................... 8
Figure 13.
Negative output voltage swing vs. output current VCC = 5 V ..................................... 8
Figure 14.
Positive output voltage swing vs. output current VCC = 26 V ..................................... 8
Figure 15.
Negative output voltage swing vs. output current VCC = 26 V .................................... 9
Figure 16.
Input bias current vs. input common mode voltage with supply voltage = 5 V ......................... 9
Figure 17.
Input bias current vs. input common mode voltage with supply voltage = 0 V ......................... 9
Figure 18.
Input bias current vs. temperature ....................................................... 9
Figure 19.
Quiescent current vs. temperature....................................................... 9
Figure 20.
Input referred noise vs. frequency ....................................................... 9
Figure 21.
0.1 Hz to 10 Hz voltage noise (referred to input) ............................................ 10
Figure 22.
Step response (10-mVpp input step) .................................................... 10
Figure 23.
Common mode voltage transient response................................................ 10
Figure 24.
Inverting differential input overloaded ................................................... 10
Figure 25.
Non inverting differential input overload .................................................. 10
Figure 26.
Start-up response ................................................................. 10
Figure 27.
Brownout recovery ................................................................ 11
Figure 28.
Power supply when Vicm > 2.5 V ....................................................... 12
Figure 29.
Input bias current vs. common mode voltage Vcc = 5 V ....................................... 13
Figure 30.
Vref powered by an external voltage source with a TSC210 .................................... 13
Figure 31.
Output reference to ground .......................................................... 14
Figure 32.
Output reference to Vcc ............................................................. 14
Figure 33.
External supply................................................................... 15
Figure 34.
Shunt resistor value trade-off (TSC213) .................................................. 16
Figure 35.
Input current..................................................................... 18
Figure 36.
Capacitive load response at Vcc = 3.3 V.................................................. 19
Figure 37.
Capacitive load response at Vcc = 3.3 V with a step of 100 mV .................................. 20
Figure 38.
RC filter when driving ADC........................................................... 20
Figure 39.
Capacitive load response at Vcc = 3.3 V with 260 kHz RC filter .................................. 21
Figure 40.
Capacitive load response at Vcc = 3.3 V with 260 kHz RC filter and Rl = 10 kΩ ....................... 21
Figure 41.
Stability criteria with a serial resistor at Vcc = 5 V............................................ 21
Figure 42.
Stability criteria with a serial resistor and a Rload = 10 kΩ at Vcc = 5 V ............................. 21
Figure 43.
ADC in differential mode ............................................................ 22
Figure 44.
Recommended layout .............................................................. 23
Figure 45.
EMIRR on pin+ ................................................................... 23
Figure 46.
EMIRR on pin- ................................................................... 23
Figure 47.
Input filtering .................................................................... 24
Figure 48.
TSC212 with input differential voltage ................................................... 25
Figure 49.
Power supply monitoring and OCP function ............................................... 26
Figure 50.
SC70-6 package outline............................................................. 27
Figure 51.
SC70-6 recommended footprint ....................................................... 28
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
List of figures
DS13237 - Rev 7
page 36/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com