Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC210 Datasheet HTML 1Page - STMicroelectronics TSC210 Datasheet HTML 2Page - STMicroelectronics TSC210 Datasheet HTML 3Page - STMicroelectronics TSC210 Datasheet HTML 4Page - STMicroelectronics TSC210 Datasheet HTML 5Page - STMicroelectronics TSC210 Datasheet HTML 6Page - STMicroelectronics TSC210 Datasheet HTML 7Page - STMicroelectronics TSC210 Datasheet HTML 8Page - STMicroelectronics TSC210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
•
Wide common mode voltage: -0.3 to 26 V
•
Offset voltage: ±35 µV max. (TSC210)
•
2.7 to 26 V supply voltage
•
Different gain available
•
–
TSC210 (200 V/V)
–
TSC211 (500 V/V)
–
TSC212 (1000 V/V)
–
TSC213 (50 V/V)
–
TSC214 (100 V/V)
–
TSC215 (75 V/V)
•
Gain error: ±1% max.
•
Offset drift: 0.1 µV/°C max.
•
Gain drift: 20 ppm/°C max.
•
Quiescent current: 100 µA
•
QFN10 (1.8x1.4) and SC70-6
Applications
•
Telecom equipment
•
Power management
•
Notebook computers
•
Industrial applications
•
Battery chargers
Description
The TSC210, TSC211, TSC212, TSC213, TSC214 and TSC215 are a series of zero-
drift current sense amplifiers that can sense current via a shunt resistor over a wide
range of common mode voltages from -0.3 to +26 V, whatever the supply voltage is.
They are available in three different versions, each of them having a different gain.
The TSC21x are designed with a specific zero-drift architecture, which can achieve
high precision.
The TSC21x are current sense amplifiers that may be used in various functions such
as precision current measurement, over current protection, current monitoring,
feedback loops.
These devices fully operate over the broad supply voltage range of 2.7 to 26 V and
over the industrial temperature range -40 to 125 °C.
Maturity status link
TSC210, TSC211, TSC212, TSC213,
TSC214 and TSC215
High/low-side, bidirectional, zero-drift current sense amplifiers
TSC210, TSC211, TSC212
TSC213, TSC214, TSC215
Datasheet
DS13237 - Rev 7 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
High/low-side, bidirectional, zero-drift current sense amplifiers
Feb-2020
TSC210 STMICROELECTRONICS-TSC210 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2100 TI1-TSC2100 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2100IDA TI-TSC2100IDA Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results

Similar Description - TSC210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
High/low-side, bidirectional, zero-drift current sense amplifiers
Feb-2020
logo
Microchip Technology
MCP6C04 MICROCHIP-MCP6C04 Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com