Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC210 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSC210 Datasheet HTML 20Page - STMicroelectronics TSC210 Datasheet HTML 21Page - STMicroelectronics TSC210 Datasheet HTML 22Page - STMicroelectronics TSC210 Datasheet HTML 23Page - STMicroelectronics TSC210 Datasheet HTML 24Page - STMicroelectronics TSC210 Datasheet HTML 25Page - STMicroelectronics TSC210 Datasheet HTML 26Page - STMicroelectronics TSC210 Datasheet HTML 27Page - STMicroelectronics TSC210 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
6.12
Filtering input stage
When a current sensing works in a high frequency noisy environment, it is mandatory to correctly filter the input of
the TSC21x device, avoiding any parasitic offset due to the high frequency spikes. Both common mode and
differential mode paths must be filtered. The best scenario is to match the capacitance between them to avoid
adding differential error on the input of the current sensing.
Otherwise, it is important to combine a common mode filter and a differential mode filter to compensate the
mismatch of the capacitance. (Refer to Application note AN4304).
Figure 47. Input filtering
TSC21x
Vcc
+
-
Vref
10nF
100nF
Vicm
Rshunt
Cdiff
Ccm
Ccm
Rs
Rs
The differential voltage error due to the mismatch of the Ccm capacitance can be written:
Vdiff≅Vin. Ccm2−Ccm1
Rs.ω3. 2.Cdiff.Ccm1+Ccm12
(9)
where ω3 is the input signal frequency.
It is still possible to improve the filtering by increasing the differential capacitance value. The drawback is that the
response time increases.
The TSC21x current sensing family have some trimmed input resistance; any external resistance added in series
produces mismatches leading to both gain and CMR errors, typically calculated as follows (Rin is the specified
amplifier input resistance):
Gain error% =100−100. RinRin+Rs
(10)
CMR dB =20log.Rs. Rserror% .2
Rin
(11)
The internal resistance of the TSC210 is 5 kΩ. Assuming that an external resistor of 100 Ω, with a tolerance of
1%, is used for filtering, the common mode rejection ratio due to these external components is 68 dB. There is a
direct impact on the whole CMR as the TSC210 has a minimum CMR of 105 dB.
The fact that Rs is quite big adds 2%. to the gain error. Therefore, care must be taken when introducing input
filters. The only way to control this additional gain error is to ensure that the input series resistor, Rs, is small
compared to Rin. Using a filter resistor that is less than 10 Ω is strongly recommended.
This ensures that the high original accuracy of the TSC21x is maintained. Other parameters such as process
variation or the temperature coefficient of the resistances must also be taken into consideration as possible error
factors of current measurement. The calculation of total error due to external resistances is detailed in the
application note AN4369.
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Application information
DS13237 - Rev 7
page 24/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com