Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC210 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSC210
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC210 Datasheet(HTML) 3 Page - STMicroelectronics

  TSC210 Datasheet HTML 1Page - STMicroelectronics TSC210 Datasheet HTML 2Page - STMicroelectronics TSC210 Datasheet HTML 3Page - STMicroelectronics TSC210 Datasheet HTML 4Page - STMicroelectronics TSC210 Datasheet HTML 5Page - STMicroelectronics TSC210 Datasheet HTML 6Page - STMicroelectronics TSC210 Datasheet HTML 7Page - STMicroelectronics TSC210 Datasheet HTML 8Page - STMicroelectronics TSC210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
2
Block diagram
Figure 2. Block diagram
+
-
Output
voltage
TSC21x
R1
R3
R4
R2
Vcc
GND
R
Output voltage = (
x
) x Gain +V
Rshunt Iload
ref
Iload
Vref
Rshunt
Table 2. Resistors and gain values
Product
R1 and R2
R3 and R4
Gain
TSC210
1 MΩ
5 kΩ
200
TSC211
1 MΩ
2 kΩ
500
TSC212
1 MΩ
1 kΩ
1000
TSC213
1 MΩ
20 kΩ
50
TSC214
1 MΩ
10 kΩ
100
TSC215
1 MΩ
13.3 kΩ
75
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Block diagram
DS13237 - Rev 7
page 3/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com