Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200/B Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 24Page - Texas Instruments AMC1200/B Datasheet HTML 25Page - Texas Instruments AMC1200/B Datasheet HTML 26Page - Texas Instruments AMC1200/B Datasheet HTML 27Page - Texas Instruments AMC1200/B Datasheet HTML 28Page - Texas Instruments AMC1200/B Datasheet HTML 29Page - Texas Instruments AMC1200/B Datasheet HTML 30Page - Texas Instruments AMC1200/B Datasheet HTML 31Page - Texas Instruments AMC1200/B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
www.ti.com
PACKAGE OUTLINE
C
10.7
10.1
TYP
6X 2.54
4X
(1.524)
2X
7.62
0.355
0.204
TYP
0 -8
8X
0.555
0.355
6.82
6.32
0.38 MIN
0.635
GAGE PLANE
4.85 MAX
1.45
1.15
A
9.55
9.02
NOTE 3
B
6.87
6.37
4X (0.99)
4222355/G 04/2019
SOP - 4.85 mm max height
DUB0008A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.254 mm per side.
1
8
0.1 C A B
5
4
PIN 1 ID
SEATING PLANE
0.1 C
SEE DETAIL A
TOP MOLD
DETAIL A
TYPICAL
SCALE 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com