Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200/B Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 26Page - Texas Instruments AMC1200/B Datasheet HTML 27Page - Texas Instruments AMC1200/B Datasheet HTML 28Page - Texas Instruments AMC1200/B Datasheet HTML 29Page - Texas Instruments AMC1200/B Datasheet HTML 30Page - Texas Instruments AMC1200/B Datasheet HTML 31Page - Texas Instruments AMC1200/B Datasheet HTML 32Page - Texas Instruments AMC1200/B Datasheet HTML 33Page - Texas Instruments AMC1200/B Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(9.1)
6X (2.54)
8X (0.65)
8X (2.35)
(R0.05)
TYP
8X (2.35)
8X (0.65)
6X (2.54)
(9.45)
(R0.05)
TYP
4222355/G 04/2019
SOP - 4.85 mm max height
DUB0008A
SMALL OUTLINE PACKAGE
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
7. Board assembly site may have different recommendations for stencil design.
IPC-7351 NOMINAL
6.75 mm CLEARANCE/CREEPAGE
HV / ISOLATION OPTION
7.1 mm CLEARANCE/CREEPAGE
SYMM
SYMM
1
4
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:5X
SYMM
SYMM
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com