Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200/B Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 9Page - Texas Instruments AMC1200/B Datasheet HTML 10Page - Texas Instruments AMC1200/B Datasheet HTML 11Page - Texas Instruments AMC1200/B Datasheet HTML 12Page - Texas Instruments AMC1200/B Datasheet HTML 13Page - Texas Instruments AMC1200/B Datasheet HTML 14Page - Texas Instruments AMC1200/B Datasheet HTML 15Page - Texas Instruments AMC1200/B Datasheet HTML 16Page - Texas Instruments AMC1200/B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
S1
S1
C
=3pF
INP
C
=3pF
INN
VINN
VINP
VDD1
GND1
GND1
GND1
3pF
R
=28kW
IN
3pF
VINN
VINP
Equivalent
Circuit
R
=
IN
f
C
·
CLK
DIFF
1
(
=10MHz)
f
CLK
C
=3.6pF
IND
GND1
GND1
400W
400W
S2
S2
AGND+0.8V
AGND+0.8V
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
The safety-limiting constraint is the operating virtual junction temperature range specified in the Absolute
Maximum Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in
the application hardware determine the junction temperature. The assumed junction-to-air thermal resistance in
the Thermal Information table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity
Test Board for Leaded Surface Mount Packages and is conservative. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
7.3.6 Regulatory Information
VDE/IEC
UL
Certified according to VDE V 0884-10
Recognized under 1577 component recognition program
Certificate number: 40016131
File number: E181974
7.3.7 Isolation Amplifier
The AMC1200 device consists of a second order delta-sigma modulator input stage including an internal
reference and clock generator. The output of the modulator and clock signal are differentially transmitted over the
integrated capacitive isolation barrier that separates the high- and low-voltage domains. The received bitstream
and clock signals are synchronized and processed by a third-order analog filter with a nominal gain of 8 on the
low-side and presented as a differential output of the device, as shown in Functional Block Diagram section.
7.3.8 Analog Input
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. However, there are two restrictions on the analog input signals, VINP and VINN. If the input
voltage exceeds the range AGND – 0.5 V to AVDD + 0.5 V, the input current must be limited to 10 mA to prevent
the implemented input protection diodes from damage. In addition, the linearity and the noise performance of the
device are ensured only when the differential analog input voltage remains within ±250 mV.
The differential analog input of the AMC1200 and AMC1200B devices is a switched-capacitor circuit based on a
second-order modulator stage that digitizes the input signal into a 1-bit output stream. These devices compare
the differential input signal (VIN = VINP – VINN) against the internal reference of 2.5 V using internal capacitors
that are continuously charged and discharged with a typical frequency of 10 MHz. With the S1 switches closed,
CIND charges to the voltage difference across VINP and VINN. For the discharge phase, both S1 switches open
first and then both S2 switches close. CIND discharges to approximately AGND + 0.8 V during this phase.
Figure 31 shows the simplified equivalent input circuitry.
Figure 31. Equivalent Input Circuit
7.4 Device Functional Modes
The AMC1200 is operational when the power supplies VDD1 and VDD2 are applied as specified in the
Recommended Operating Conditions section.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com