Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200/B Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 7Page - Texas Instruments AMC1200/B Datasheet HTML 8Page - Texas Instruments AMC1200/B Datasheet HTML 9Page - Texas Instruments AMC1200/B Datasheet HTML 10Page - Texas Instruments AMC1200/B Datasheet HTML 11Page - Texas Instruments AMC1200/B Datasheet HTML 12Page - Texas Instruments AMC1200/B Datasheet HTML 13Page - Texas Instruments AMC1200/B Datasheet HTML 14Page - Texas Instruments AMC1200/B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Isolation
Barrier
û-Modulator
RX
2.5-V
Reference
VOUTP
VOUTN
VDD2
GND2
GND1
VINP
VINN
VDD1
RC oscillator
RX
TX
TX
Retiming and
3
rd order
active
low-pass filter
DATA
CLK
2.56-V
Reference
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
7 Detailed Description
7.1 Overview
The AMC1200 is a fully-differential precision isolation amplifier. The analog input signal is converted to a digital
signal and then transferred across a capacitive isolation barrier. The digital modulation used in the AMC1200
together with the isolation barrier characteristics result in excellent reliability and transient immunity.
After processing the digital signal with a low-pass filter, an analog signal is provided at the outputs. The main
building blocks are shown in the Functional Block Diagram section.
The SiO2-based capacitive isolation barrier supports a high level of magnetic field immunity, as described in
application report, ISO72x Digital Isolator Magnetic-Field Immunity (SLLA181), available for download at
www.ti.com.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Insulation Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum working
VIORM
1200
VPEAK
insulation voltage
Qualification test: after Input/Output Safety Test
Subgroup 2/3 VPR = VIORM × 1.2, t = 10 s, partial
1140
VPEAK
discharge < 5 pC
Qualification test: method a, after environmental tests
VPR
Input to output test voltage
subgroup 1, VPR = VIORM × 1.6, t = 10 s, partial
1920
VPEAK
discharge < 5 pC
100% production test: method b1, VPR = VIORM x 1.875,
2250
VPEAK
t = 1 s, partial discharge < 5 pC
AMC1200
4000
VPEAK
VIOTM
Transient overvoltage
Qualification test: t = 60 s
AMC1200B
4250
VPEAK
AMC1200
4000
VPEAK
Qualification test: VTEST = VISO,
t = 60 s
AMC1200B
4250
VPEAK
VISO
Insulation voltage per UL
AMC1200
4800
VPEAK
100% production test: VTEST =
1.2 x VISO, t = 1 s
AMC1200B
5100
VPEAK
RS
Insulation resistance
VIO = 500 V at TS
> 109
Ω
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com