Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200/B Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 8Page - Texas Instruments AMC1200/B Datasheet HTML 9Page - Texas Instruments AMC1200/B Datasheet HTML 10Page - Texas Instruments AMC1200/B Datasheet HTML 11Page - Texas Instruments AMC1200/B Datasheet HTML 12Page - Texas Instruments AMC1200/B Datasheet HTML 13Page - Texas Instruments AMC1200/B Datasheet HTML 14Page - Texas Instruments AMC1200/B Datasheet HTML 15Page - Texas Instruments AMC1200/B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
AMC1200, AMC1200B
SBAS542D – APRIL 2011 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Pollution degree
2
°
7.3.2 IEC 61000-4-5 Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIOSM
Surge immunity
1.2-
μs/50-μs voltage surge and 8-μs/20-μs current surge
±6000
V
7.3.3 IEC 60664-1 Ratings(1)
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 400 VRMS
I-III
Rated mains voltage < 600 VRMS
I-III
(1)
Over operating free-air temperature range (unless otherwise noted).
7.3.4 Package Characteristics(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DWV package
8
mm
Shortest terminal to terminal
L(I01)
Minimum air gap (clearance)
distance through air
DUB package
7
mm
Shortest terminal to terminal
DWV package
8
mm
Minimum external tracking
L(I02)
distance across the package
(creepage)
DUB package
7
mm
surface
Tracking resistance
CTI
DIN IEC 60112/VDE 0303 part 1
≥ 400
V
(comparative tracking index)
Minimum internal gap
Distance through the insulation
0.014
mm
(internal clearance)
Input to output, VIO = 500 V, all pins on each side of
the barrier tied together to create a two-terminal
> 1012
Ω
device, TA < 85°C
RIO
Isolation resistance
Input to output, VIO = 500 V,
> 1011
Ω
85°C
≤ TA < TA max
Barrier capacitance input to
CIO
VI = 0.5 VPP at 1 MHz
1.2
pF
output
CI
Input capacitance to ground
VI = 0.5 VPP at 1 MHz
3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of a specific
application. Take care to maintain the creepage and clearance distance of the board design to ensure that the mounting pads of the
isolator on the printed-circuit-board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal according to
the measurement techniques shown in the TI Isolation Glossary. Techniques such as inserting grooves and/or ribs on the PCB are used
to help increase these specifications.
7.3.5 IEC Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output (I/O)
circuitry. A failure of the I/O circuitry can allow low resistance to ground or the supply and, without current
limiting, dissipate sufficient power to overheat the die and damage the isolation barrier, potentially leading to
secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
θJA = 246°C/W, VIN = 5.5 V, TJ = 150°C, TA = 25°C
10
mA
TC
Maximum case temperature
150
°C
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com