Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 21Page - Texas Instruments AMC7832IPAP Datasheet HTML 22Page - Texas Instruments AMC7832IPAP Datasheet HTML 23Page - Texas Instruments AMC7832IPAP Datasheet HTML 24Page - Texas Instruments AMC7832IPAP Datasheet HTML 25Page - Texas Instruments AMC7832IPAP Datasheet HTML 26Page - Texas Instruments AMC7832IPAP Datasheet HTML 27Page - Texas Instruments AMC7832IPAP Datasheet HTML 28Page - Texas Instruments AMC7832IPAP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.3 Feature Description
8.3.1 Digital-to-Analog Converters (DACs)
The AMC7832 features an analog control system centered on twelve, 12-bit DACs that operate from the device
internal reference. Each DAC core consists of a string DAC and output voltage buffer.
The resistor string structure consists of a series of resistors, each of value R. The code loaded to the DAC
determines at which node on the string the voltage is tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string to the amplifier. This architecture has inherent
monotonicity, voltage output, and low glitch. It is also linear because all the resistors are of equal value.
8.3.1.1 DAC Output Range and Clamp Configuration
The twelve DACs are split into four total groups: two groups of two DACs (DAC groups B and C) and two groups
of four DACs (DAC groups A and D). All of the DACs in a given group share the same output range and clamp
voltage value however these settings can be set independently for each DAC group. After power-on or a reset
event, the DAC output are directed automatically to their corresponding clamp value and all DAC buffer and
active registers are set to their default values.
The output range for each DAC group is configured as either positive or negative through its corresponding
VRANGE terminal. The VRANGE terminals can be driven directly by the REF_OUT1 and REF_OUT2 +2.5-V
outputs. When a DAC group is in positive output range the DAC Range register (address 0x1E) can be set to
specify an output range of 0 to +5-V instead of the default range of 0 to +10-V.
Additionally the power-on-reset and clamp voltage value of each DAC group is set by its corresponding AVSS
terminal. It is imperative that the clamp voltage setting for a DAC group matches its operating voltage range. The
recommended connections for AVSS are: AGND for the positive output ranges, in which case the clamp voltage
is 0-V; and -12-V for the negative output range, in which case the clamp voltage is AVSS + 2-V.
The full-scale output range for each DAC group is limited by the power supplies AVCC and its corresponding
AVSS. The maximum and minimum outputs cannot exceed AVCC or be lower than AVSS, respectively.
Table 1. DAC Group Configuration
POSITIVE OUTPUT RANGE
NEGATIVE OUTPUT RANGE
VRANGE = GND
VRANGE = +2.5-V
OUTPUT
CLAMP
DAC
DACs
POLARITY
VOLTAGE
VALID CLAMP
VALID CLAMP
GROUP
OUTPUT
SELECTION
SELECTION
OUTPUT RANGE
VOLTAGE
VOLTAGE
RANGE
CONNECTION
CONNECTION
DAC_A8
DAC_A9
0 to +5-V
A
VRANGEA
AVSSA
GND
-10 to 0-V
-12-V
DAC_A10
0 to +10-V
DAC_A11
DAC_B6
0 to +5-V
B
VRANGEB
AVSSB
GND
-10 to 0-V
-12-V
DAC_B7
0 to +10-V
DAC_C0
0 to +5-V
C
VRANGEC
AVSSC
GND
-10 to 0-V
-12-V
DAC_C1
0 to +10-V
DAC_D2
DAC_D3
0 to +5-V
D
VRANGED
AVSSD
GND
-10 to 0-V
-12-V
DAC_D4
0 to +10-V
DAC_D5
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com