Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 38 Page - Texas Instruments

Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 34Page - Texas Instruments AMC7832IPAP Datasheet HTML 35Page - Texas Instruments AMC7832IPAP Datasheet HTML 36Page - Texas Instruments AMC7832IPAP Datasheet HTML 37Page - Texas Instruments AMC7832IPAP Datasheet HTML 38Page - Texas Instruments AMC7832IPAP Datasheet HTML 39Page - Texas Instruments AMC7832IPAP Datasheet HTML 40Page - Texas Instruments AMC7832IPAP Datasheet HTML 41Page - Texas Instruments AMC7832IPAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
GPIOn
ENABLE
GPIOn Bit
(when reading)
GPIOn Bit
(when writing)
IOVDD
48k
Ÿ
AMC7832
SLAS836 – MARCH 2014
www.ti.com
8.3.5 General Purpose I/Os
The AMC7832 includes eight General Purpose I/O (GPIO) terminals, each with an internal 48-k
Ω pull-up resistor
to IOVDD. The GPIO[0-3] terminals have dual functionality and can be programmed as either bidirectional digital
I/O terminals or interrupt signals in the GPIO Configuration register (address 0x12). The GPIO[4-7] terminals are
dedicated GPIOs.
Table 4. Dual Functionality GPIO Pins
PIN
DEFAULT PIN NAME
ALTERNATIVE PIN NAME
ALTERNATIVE FUNCTIONALITY
9
GPIO0
ALARMIN
DAC clear control signal.
10
GPIO1
ALARMOUT
Global alarm output.
11
GPIO2
ADCTRIG
External ADC conversion trigger.
12
GPIO3
DAV
ADC data available indicator.
The GPIOs can receive an input or produce an output. When the GPIO acts as an output its status is determined
by the corresponding GPIO bit in the GPIO Register (address 0x7A).
To use a GPIO terminal as an input, the corresponding GPIO bit in the GPIO Register must be set to '1'. When a
GPIO terminal acts as input, the digital value on the terminal is acquired by reading the corresponding GPIO bit.
After a power-on reset or any forced reset, all GPIO bits are set to '1', and the GPIO terminals have a 48-k
Ω
input impedance to IOVDD.
Figure 52. AMC7832 GPIO Pin
38
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com