Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 48 Page - Texas Instruments

Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 48 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments AMC7832IPAP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Table 26. Register name: ALARMOUT Source 0 – Address: 0x1C, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ALARM
0x1C
7:5
Reserved
Reserved for factory use
000
OUT Source
4
ADC16-ALR-OUT
This register selects which alarms can activate the ALARMOUT
0
0
terminal. The ALARMOUT must be enabled for this function to
3
ADC15-ALR-OUT
0
take effect.
2
ADC14-ALR-OUT
0
1
ADC13-ALR-OUT
0
0
ADC12-ALR-OUT
0
Table 27. Register name: ALARMOUT Source 1 – Address: 0x1D, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ALARM
0x1D
7:5
Reserved
Reserved for factory use
000
OUT Source
4
ALARM-LATCH-
Alarm latch disable bit. When cleared to 0 the alarm bits are
0
1
DIS
latched. When an alarm occurs, the corresponding alarm bit is
set to “1”. The alarm bit remains until the error condition subsides
and the alarm register is read. Before reading, the alarm bit is not
cleared even if the alarm condition disappears. When set to 1 the
alarm bits are not latched. When the alarm condition subsides,
the alarm bits are cleared regardless of whether the alarm bits
have been read or not.
3
ALRIN-ALR-OUT
This register selects which alarms can activate the ALARMOUT
0
terminal. The ALARMOUT must be enabled for this function to
2
THERM-ALR-
0
take effect.
OUT
1
LT-HIGH-ALR-
0
OUT
0
LT-LOW-ALR-
0
OUT
8.5.6 DAC Range: Address 0x1E
Table 28. Register name: DAC Range – Address: 0x1E, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Range
0xE1
7:4
Reserved
Reserved for factory use
0000
3
DAC-5VRANGED
DAC_n output voltage range bit.
0
VRANGEn terminal is connected to AGND:
2
DAC-5VRANGEC
0
When the DAC-5VRANGEn bit is cleared to 0 the DAC_n group
1
DAC-5VRANGEB
0
output voltage range is set to 0-10V.
When the DACn-RANGE bit is set to 1 the DAC_n group output
0
DAC-5VRANGEA
0
voltage range is set to 0-5V.
VRANGEn terminal is connected to +2.5V: If the VRANGEn
terminal is connected to +2.5V the DAC-5VRANGEn bit must be
cleared to 0.
8.5.7 ADC Data: Address 0x20 – 0x41
Table 29. Register name: ADCn-Data (low byte) – Address: 0x20 - 0x41, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn Data
0x20 to
7:0
ADCn-DATA(7:0)
Stores the 12-bit ADC_n conversion results in straight binary
All zeros
(low)
0x41
format for both types of inputs channels (unipolar and bipolar)
48
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com