Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 5Page - Texas Instruments AMC7832IPAP Datasheet HTML 6Page - Texas Instruments AMC7832IPAP Datasheet HTML 7Page - Texas Instruments AMC7832IPAP Datasheet HTML 8Page - Texas Instruments AMC7832IPAP Datasheet HTML 9Page - Texas Instruments AMC7832IPAP Datasheet HTML 10Page - Texas Instruments AMC7832IPAP Datasheet HTML 11Page - Texas Instruments AMC7832IPAP Datasheet HTML 12Page - Texas Instruments AMC7832IPAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transition: Code 400h to C00h to within
Slew rate
½ LSB, RL = 2kΩ, CL = 200pF,
1.25
V/µs
all DAC output ranges
Full-scale current shorted to AVSS or
Short-circuit current
45
mA
AVCC
Source and/or sink with 1V headroom
±15
mA
from AVCC/AVSS, voltage drop < 25mV
(3)
Source and/or sink with 300mV
Load current
headroom from AVCC/AVSS, voltage drop
±10
mA
< 25mV
Source with 100mV headroom from
0
mA
AVCC
(4)
Maximum capacitive load(5)
RL = ∞
0
10
nF
DC output impedance
Code set to 800h, ±15mA
1
Ω
AVEE = AVSSA,B,C,D = GND,
Power-on overshoot
50
mV
AVCC = 0 to +12V, 2ms ramp
Transition: Code 7FFh to 800h; 800h to
Glitch energy
1
nV-s
7FFh
TA = 25°C, 1kHz, code 800h, includes
520
nV/
√Hz
internal reference noise
Output noise
TA = 25°C, integrated noise from 0.1Hz
to 10Hz, code 800h, includes internal
20
µVPP
reference noise
CLAMP OUTPUTS
DAC output range: 0 to +10-V
0
V
DAC output range: 0 to +5-V
0
V
Clamp output voltage(6)
DAC output range: -10 to 0-V,
AVSS
V
AVSS = -12-V
+ 2
(3)
If all channels are loaded with 15mA simultaneously care must be taken to ensure the thermal conditions for the device are not
exceeded.
(4)
Not tested during production. Specified by design.
(5)
To be sampled during initial release to ensure compliance; not subject to production testing.
(6)
No DAC load to AVSS.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com