Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 42 Page - Texas Instruments

Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 42 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 38Page - Texas Instruments AMC7832IPAP Datasheet HTML 39Page - Texas Instruments AMC7832IPAP Datasheet HTML 40Page - Texas Instruments AMC7832IPAP Datasheet HTML 41Page - Texas Instruments AMC7832IPAP Datasheet HTML 42Page - Texas Instruments AMC7832IPAP Datasheet HTML 43Page - Texas Instruments AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Register Map (continued)
Table 5. Register Map (continued)
ADDRESS
DEFAULT
ADDRESS
DEFAULT
(HEX)
R/W
(HEX)
REGISTER
(HEX)
R/W
(HEX)
REGISTER
0x35
R
00
ADC10-Data (high byte)
0x94
R/W
FF
LT-Upper-Thresh (low byte)
0x36
R
00
ADC11-Data (low byte)
0x95
R/W
07
LT-Upper-Thresh (high byte)
0x37
R
00
ADC11-Data (high byte)
0x96
R/W
00
LT-Lower-Thresh (low byte)
0x38
R
00
ADC12-Data (low byte)
0x97
R/W
08
LT-Lower-Thresh (high byte)
0x39
R
00
ADC12-Data (high byte)
0x98–0x9F
—
—
Reserved
0x3A
R
00
ADC13-Data (low byte)
0xA0
R/W
08
ADC12-Hysteresis
0x3B
R
00
ADC13-Data (high byte)
0xA1
R/W
08
ADC13-Hysteresis
0x3C
R
00
ADC14-Data (low byte)
0xA2
R/W
08
ADC14-Hysteresis
0x3D
R
00
ADC14-Data (high byte)
0xA3
R/W
08
ADC15-Hysteresis
0x3E
R
00
ADC15-Data (low byte)
0xA4
R/W
08
ADC16-Hysteresis
0x3F
R
00
ADC15-Data (high byte)
0xA5
R/W
08
LT-Hysteresis
0x40
R
00
ADC16-Data (low byte)
0xA6—0xAF
—
—
Reserved
0x41
R
00
ADC16-Data (high byte)
0xB0
R/W
00
DAC Clear 0
0x42–0x4F
—
—
Reserved
0xB1
R/W
00
DAC Clear 1
0x50
R/W
00
DACA8-Data (low byte)
0xB2
R
00
Power-Down 0
0x51
R/W
00
DACA8-Data (high byte)
0xB3
R/W
00
Power-Down 1
0x52
R/W
00
DACA9-Data (low byte)
0xB4–0xBF
—
—
Reserved
0x53
R/W
00
DACA9-Data (high byte)
0xC0
W
00
ADC Trigger
42
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com