Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 41Page - STMicroelectronics TDA7491HV Datasheet HTML 42Page - STMicroelectronics TDA7491HV Datasheet HTML 43Page - STMicroelectronics TDA7491HV Datasheet HTML 44Page - STMicroelectronics TDA7491HV Datasheet HTML 45Page - STMicroelectronics TDA7491HV Datasheet HTML 46Page - STMicroelectronics TDA7491HV Datasheet HTML 47Page - STMicroelectronics TDA7491HV Datasheet HTML 48Page - STMicroelectronics TDA7491HV Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Contents
1
Device block diagram ..............................................................2
2
Pin description ....................................................................3
2.1
Pinout (EPD) .................................................................. 3
2.2
Pin list (EPD) .................................................................. 4
2.3
Pinout (EPU) .................................................................. 5
2.4
Pin list (EPU) .................................................................. 6
3
Absolute maximum ratings ........................................................7
4
Electrical specifications ...........................................................8
5
Characterization curves...........................................................10
5.1
4 Ω load at VCC = 14 V ........................................................ 10
5.2
6 Ω load at VCC = 16 V ........................................................ 16
5.3
8 Ω load at VCC = 18 V ........................................................ 23
6
Test board ........................................................................31
7
Application circuit ................................................................32
8
Application information ...........................................................33
8.1
Mode selection ............................................................... 33
8.2
Gain setting .................................................................. 34
8.3
Input resistance and capacitance ................................................ 35
8.4
Internal and external clocks ..................................................... 35
8.4.1
Master mode (internal clock) ............................................... 35
8.4.2
Slave mode (external clock) ............................................... 36
8.5
Modulation ................................................................... 36
8.6
Reconstruction low-pass filter ................................................... 37
8.7
Protection functions ........................................................... 38
8.8
Diagnostic output.............................................................. 38
8.9
Heatsink requirements ......................................................... 39
9
Package information..............................................................40
9.1
PowerSSO-36 exposed pad down ............................................... 40
9.2
PowerSSO36 EPU package information .......................................... 42
TDA7491HV
Contents
DS5624 - Rev 10
page 45/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com