Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 16Page - STMicroelectronics TDA7491HV Datasheet HTML 17Page - STMicroelectronics TDA7491HV Datasheet HTML 18Page - STMicroelectronics TDA7491HV Datasheet HTML 19Page - STMicroelectronics TDA7491HV Datasheet HTML 20Page - STMicroelectronics TDA7491HV Datasheet HTML 21Page - STMicroelectronics TDA7491HV Datasheet HTML 22Page - STMicroelectronics TDA7491HV Datasheet HTML 23Page - STMicroelectronics TDA7491HV Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Figure 27. Power supply rejection ratio vs. frequency
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Test Condition:
Vcc =16V,
RL= 6 ohm,
Rosc =39k , Cosc =100nF,
Vin=0,
Gv =30dB,
Tamb =25 ,
0dB refers to 500mV, 100Hz
Ripple frequency=100Hz
Ripple voltage=500mV
Figure 28. Power dissipation and efficiency vs. output power
Test Condition:
Vcc =16V,
RL= 6 ohm,
Rosc =39k , Cosc =100nF,
f =1kHz,
Gv =30dB,
Tamb =25
Vcc=16V
Rload=6ohm
Gain=30dB
f=1kHz
Figure 29. Closed-loop gain vs. frequency
-5
+2
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
-0
+0.5
+1
+1.5
d
B
r
A
20
30k
50
100
200
500
1k
2k
5k
10k
20k
Hz
Gain=32dB
Gain=22dB
Gain=30dB
Gain=26dB
Test Condition:
Vcc =16V,
RL= 6 ohm,
Rosc =39k , Cosc =100nF,
0dB@f=1kHz,Po=1w,
Gv=32dB,
Tamb =25
TDA7491HV
6 Ω loads at VCC = 16 V
DS5624 - Rev 10
page 20/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com