Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 29Page - STMicroelectronics TDA7491HV Datasheet HTML 30Page - STMicroelectronics TDA7491HV Datasheet HTML 31Page - STMicroelectronics TDA7491HV Datasheet HTML 32Page - STMicroelectronics TDA7491HV Datasheet HTML 33Page - STMicroelectronics TDA7491HV Datasheet HTML 34Page - STMicroelectronics TDA7491HV Datasheet HTML 35Page - STMicroelectronics TDA7491HV Datasheet HTML 36Page - STMicroelectronics TDA7491HV Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
8
Application information
8.1
Mode selection
The three operating modes of the TDA7491HV are set by the two inputs, STBY (pin 20) and MUTE (pin 21).
•
Standby mode: all circuits are turned off, very low current consumption.
•
Mute mode: inputs are connected to ground and the positive and negative PWM outputs are at 50% duty
cycle.
•
Play mode: the amplifiers are active.
The protection functions of the TDA7491HV are enabled by pulling down the voltages of the STBY and MUTE
inputs shown in figure below. The input current of the corresponding pins must be limited to 200 µA.
Table 6. Mode settings
Mode
STBY
MUTE
Standby
L(1).
X (do not care)
Mute
H(1)
L
Play
H
H
1. Refer to VSTBY and VMUTE in Section 4 Electrical specifications
Figure 51. Standby and mute circuits
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Mute
TDA7491HV
TDA7491HV
Application information
DS5624 - Rev 10
page 33/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com