Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7491HV Datasheet HTML 1Page - STMicroelectronics TDA7491HV Datasheet HTML 2Page - STMicroelectronics TDA7491HV Datasheet HTML 3Page - STMicroelectronics TDA7491HV Datasheet HTML 4Page - STMicroelectronics TDA7491HV Datasheet HTML 5Page - STMicroelectronics TDA7491HV Datasheet HTML 6Page - STMicroelectronics TDA7491HV Datasheet HTML 7Page - STMicroelectronics TDA7491HV Datasheet HTML 8Page - STMicroelectronics TDA7491HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
2
Pin description
2.1
Pinout (EPD)
Figure 2. Pin connections (top view)
S UB_GND
OUTP B
OUTP B
P GNDB
P GNDB
P VCC B
P VCC B
OUTNB
OUTNB
OUTNA
OUTNA
P VCC A
INNB
P VCC A
P GNDA
P GNDA
OUTP A
OUTP A
P GND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VS S
S VCC
VRE F
INP B
GAIN1
S VR
DIAG
S GND
VDDS
S YNCLK
13
14
15
16
17
18
24
ROS C
23
INNA
22
INP A
21
MUTE
20
S TBY
19
VDDP W
Exposed pad down
(Connected to ground )
EP
GAIN0
TDA7491HV
Pin description
DS5624 - Rev 10
page 3/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com