Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 31Page - STMicroelectronics TDA7491HV Datasheet HTML 32Page - STMicroelectronics TDA7491HV Datasheet HTML 33Page - STMicroelectronics TDA7491HV Datasheet HTML 34Page - STMicroelectronics TDA7491HV Datasheet HTML 35Page - STMicroelectronics TDA7491HV Datasheet HTML 36Page - STMicroelectronics TDA7491HV Datasheet HTML 37Page - STMicroelectronics TDA7491HV Datasheet HTML 38Page - STMicroelectronics TDA7491HV Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
8.3
Input resistance and capacitance
The input impedance is set by an internal resistor Ri = 68 kΩ (typical). An input capacitor (Ci) is required to couple
the AC input signal.
The equivalent circuit and frequency response of the input components are shown in figure below. For Ci = 220
nF, the high-pass filter cut-off frequency is below 20 Hz:
fc = 1 / (2 * π * Ri * Ci)
Figure 53. Device input circuit and frequency response
8.4
Internal and external clocks
The clock of the class-D amplifier can be generated internally or can be driven by an external source.
If two or more class-D amplifiers are used in the same system, it is recommended that all the devices operate at
the same clock frequency. This can be implemented by using one TDA7491HV as master clock, while the other
devices are in slave mode, that is, externally clocked. The clock interconnect is via pin SYNCLK of each device.
As explained below, SYNCLK is an output in master mode and an output in master mode and an input in slave
mode.
8.4.1
Master mode (internal clock)
Using the internal oscillator, the output switching frequency, fSW, is controlled by the resistor, ROSC, connected to
pin ROSC:
fSW = 106 / ((16* ROSC+ 182) * 4) kHz
where ROSC is in kΩ.
In master mode, pin SYNCLK is used as a clock output pin whose frequency is:
fSYNCLK = 2 * fSW
For master mode to operate correctly, then resistor ROSC must be less than 60 kΩ as given below in Table 8. How
to set up SYNCLK.
TDA7491HV
Input resistance and capacitance
DS5624 - Rev 10
page 35/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com