Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7-FESTIVAL Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # PC7-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

PC7-FESTIVAL Datasheet(HTML) 2 Page - Elma Electronic Ltd

  PC7-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor
General
The PC7-FESTIVAL is a rich featured high
performance 4HP/3U CompactPCI® PlusIO CPU
board, equipped with an Intel® Xeon® E3
familiy mobile workstation processor for
demanding applications. For scalability, the
PC7-FESTIVAL is also available with a 7
th
Generation Intel® Core™ processor.
The PC7-FESTIVAL front panel is provided with
two RJ45 Gigabit Ethernet jacks, two USB 3.0
Type-A receptacles, and two DisplayPort
connectors. In addition, up to two USB Type-C
front panel receptacles are available as an
option, one of them usable alternatively as
(third) DisplayPort.
The powerful Xeon® E3-1500 v6 series
processor is accompanied by the CM238
mobile PCH, for a maximum of high speed I/O
resources (e.g. PCI Express®, SATA, USB).
On-board mass-storage solutions are based
on low profile mezzanine expansion cards,
which can accommodate up to two M.2 style
SSD modules (PCIe® Gen3 x4 and/or SATA).
Side cards for an 8HP assembly are also
available, providing front I/O and M.2 SSDs.
The PC7-FESTIVAL is equipped with up to
32GB DDR4 RAM with ECC support. Up to
16GB memory-down are provided for rugged
applications, and another 16GB are available
via the DDR4 ECC SO-DIMM socket.
The backplane connector J1 allows for up to
seven CompactPCI® Classic peripheral cards in
a system. The J2 connector complies with the
CompactPCI® PlusIO standard for high speed
rear I/O (fourfold PCIe®, SATA and USB2), or
usage of a hybrid CompactPCI® Serial
backplane.
© EKF
-2-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com