Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7-FESTIVAL Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # PC7-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

PC7-FESTIVAL Datasheet(HTML) 7 Page - Elma Electronic Ltd

Back Button PC7-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 10Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 11Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor
Feature Summary
CompactPCI® Backplane Resources
<
PICMG® CompactPCI® 2.0 CPU card & system slot controller for J1 based 32-bit CompactPCI® systems
<
Support for up to seven CompactPCI® peripheral boards, 33/66MHz (PI7C9X112 PCIe® to PCI® bridge)
<
PICMG® CompactPCI® 2.30 J2 UHM connector according to CompactPCI® PlusIO**
<
J2 is assigned to 4 x PCIe® Gen3 8GT/s*, 4 x SATA 6G*, and 4 x USB2 ports (all derived from PCH)
<
J2 can be used to enable CompactPCI® Serial peripheral card slots for hybrid systems with a split
backplane
<
Hybrid small system racks available (e.g. SRP-BLUBOXX)
<
J2 can be used alternatively for a rear I/O module
<
Custom specific rear I/O module design on request
<
J2 Connector option available - 64-bit system slot tolerant for legacy CompactPCI® 2.0 (Classic)
* CompactPCI® PlusIO specifies PCIe® 5GT/s and SATA 3G over J2. PCIe® Gen3 and SATA 6G may be
functional but cannnot guaranteed.
** In case of obsolescence, the J2 UHM connector will be replaced by the CompactPCI® 2.0 classic J2
connector. This may reduce high speed backplane transfer in particular applications (PCIe® Gen1 2.5GT/s,
SATA 1.5G). This does not affect peripherals attached via the P-HSE mezzanine connector.
Environmental & Regulatory
<
Designed & manufactured in Germany
<
ISO 9001 certified quality management
<
Long term availability
<
Rugged solution
<
Coating, sealing, underfilling on request
<
Lifetime application support
<
RoHS compliant
<
Operating temperature 0°C to +70°C
<
Operating temperature -40°C to +85°C (industrial temperature range) on request
<
Storage temperature -40°C to +85°C, max. gradient 5°C/min
<
Humidity 5% ... 95% RH non condensing
<
Altitude -300m ... +3000m
<
Shock 15g 0.33ms, 6g 6ms
<
Vibration 1g 5-2000Hz
<
MTBF 11.9 years
<
EC Regulatory EN55022, EN55024, EN60950-1 (UL60950-1/IEC60950-1)
© EKF
-7-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com