Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7-FESTIVAL Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # PC7-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

PC7-FESTIVAL Datasheet(HTML) 3 Page - Elma Electronic Ltd

  PC7-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor
Feature Summary
General
<
CompactPCI® PlusIO (PICMG® CPCI 2.30) System Slot Controller
<
Form factor single size Eurocard (board dimensions 100x160mm
2)
<
Mounting height 3U
<
Front panel width 4HP (8HP/12HP assembly with optional mezzanine side card)
<
Front panel I/O connectors for typical system configuration (2 x USB3, 2 x DisplayPort, 2 x GbE)
<
Backplane communication via CompactPCI® J1 and J2 hard metric connectors
<
J1 Connector for PICMG® CompactPCI® Classic 32-Bit support
<
J2 Connector (UHM high speed) for CompactPCI® PlusIO support (PCIe®, SATA, USB2) *
<
J2 PlusIO configuration allows for either CompactPCI® Serial hybrid backplane usage or rear I/O module
attachment
<
J2 Connector option available for 64-bit system slot (legacy CompactPCI® 2.0 Classic)
<
Side cards and low profile mass storage modules available as COTS and also as custom specific
* In case of obsolescence, the J2 UHM connector will be replaced by the CompactPCI® 2.0 classic J2
connector. This may reduce high speed backplane transfer in particular applications (PCIe Gen1 2.5GT/s,
SATA 1.5G). This does not affect peripherals attached via the P-HSE mezzanine connector.
Power Supply
<
+5V, +3.3V according to CompactPCI® 2.0 via J1 backplane connector
<
Total power consumption depends on processor type and mezzanine assembly
<
Option +5V only board design for low cost system power supply with 25W processors
<
SAC (Stand-Alone Computer) option w. two-pos. 5V/10A terminal block (J1/J2 removed)
<
+12V is required additionally for PC7-FESTIVAL mezzanine assemblies with S20, S40, SCL, SCZ
Processor
<
Intel® Kaby Lake-H mobile platform with ECC (CM238 mobile workstation PCH)
<
Intel® Xeon® processor E3 v6 family (mobile workstation)
<
Xeon E3 1505M v6
P 3/4GHz P 8M P 4C/8T P DDR4 2400 ECC P 45/35W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1505L v6
P 2.2/3GHz P 8M P 4C/8T P DDR4 2400 ECC P 25W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1501M v6
P 2.9/3.6GHz P 6M P 4C/8T P DDR4 2400 ECC P 45/35W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1501L v6
P 2.1/2.9GHz P 6M P 4C/8T P DDR4 2400 ECC P 25W P GT2 - P630 P vPRO™/AMT
<
7
th Generation Intel® Core™ mobile processor
<
i3 7100E
P 2.9GHz P 3M P 2C/4T P DDR4 2400 ECC P 35W P GT2 - 630
<
i3 7102E
P 2.1GHz P 3M P 2C/4T P DDR4 2400 ECC P 25W P GT2 -630
© EKF
-3-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com