Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7-FESTIVAL Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # PC7-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

PC7-FESTIVAL Datasheet(HTML) 4 Page - Elma Electronic Ltd

  PC7-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor
Feature Summary
Firmware
<
Phoenix® UEFI (Unified Extensible Firmware Interface) with CSM*
<
Fully customizable by EKF
<
Secure Boot and Measured Boot supported - meeting all demands as specified by Microsoft®
<
Windows®, Linux and other (RT)OS' supported
<
Intel® AMT supported for Intel® Xeon® E3 v6 (disabled by default, must be enabled via BIOS setup)
* CSM (Compatibility Support Module) emulates a legacy BIOS environment, which allows to boot a legacy operating
system such as DOS, 32-bit Windows and some RTOS'
Main Memory
<
Integrated memory controller up to 32GB DDR4 2400 +ECC
<
DDR4 +ECC soldered memory up to 16GB
<
DDR4 +ECC SO-DIMM memory module socket up to 16GB
Mezzanine Mass Storage
<
Mezzanine side card connectors for local expansion e.g. SSD mass storage
<
Low profile mezzanine modules available (4HP common front panel)
<
Side cards available (8HP common F/P assembly)
<
P-HSE1 - configurable as 4 x SATA 6G or 4 x PCIe® Gen3 (from CM238 PCH), 1 x USB3
<
P-HSE2 - 4 x PCIe® Gen3 (from CM238 PCH) & 3
rd DisplayPort (from CPU)
<
P-EXP - Legacy interface (from PCH)
<
4HP Low profile mezzanine module preferred options:
<
C48-M2 Mezzanine module - 2 x M.2 2280 SATA SSD sockets
<
S20-NVME Mezzanine module - 1 x M.2 2280 NVME SSD socket, 1 x Type-C USB F/P connector
<
S40-NVME Mezzanine module - 1 x M.2 2280 NVME SSD socket, 1 x M.2 2280 SATA SSD socket, 2 x
Type-C USB F/P Connector (1 connector enabled for DisplayPort alternate mode)
<
8HP/12HP Mezzanine side card options:
<
SCL-RHYTHM Dual M.2 (NVMe/SATA) SSD, quad port front panel M12-X GbE
<
SCZ-NVM Dual M.2 NVMe SSD, quad UART
<
P01-M12 Replacement for RJ45 GbE jacks by M12-X receptacles
<
PCU-UPTEMPO Side board w. 2 x M.2 SATA SSD sockets & front I/O
<
Custom specific mezzanine side card design - I/O and storage
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com