Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7-FESTIVAL Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # PC7-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

PC7-FESTIVAL Datasheet(HTML) 6 Page - Elma Electronic Ltd

Back Button PC7-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd PC7-FESTIVAL Datasheet HTML 10Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PC7-FESTIVAL • CompactPCI® PlusIO CPU Board • Intel® Xeon® Processor
Feature Summary
On-Board Building Blocks
<
Additional on-board devices, PCIe® based
<
PCIe® to PCI® Bridge 32bit 33/66MHz for 7 CompactPCI®Classic peripheral card backplane slots
<
1 x Gigabit Ethernet controller Intel® I210IT (front I/O)
<
1 x Gigabit Ethernet PHY Intel® I219LM (front I/O)
<
IEEE 1588-2008 Precision Time Protocol including PPS and PPM signals supported
Security
<
Trusted Platform Module
<
Discrete TPM 2.0 for highest level of certified platform protection
<
Infineon Optiga™ SLM 9670 cryptographic processor
<
Conforming to TCG 2.0 specification
<
Option fTPM (firmware-based TPM 2.0) or dTPM (discrete TPM) selectable from UEFI (BIOS) setup
<
AES hardware acceleration support (Intel® AES-NI)
Front Panel I/O (4HP)
<
2 x Gigabit Ethernet RJ45 (1 = PCH & I219LM - Intel® AMT support, 2 = I210IT)
<
2 x DisplayPort (from processor integrated HD graphics engine, standard DP latching receptacles)
<
2 x USB 3.0 Type-A
<
Option 2 x Type-C USB 3.1 Gen1 w. S40-NVME low profile mezzanine module
<
Support for Type-C locking plugs (dual screw) according to the 'Locking Connector Spec. Rev. 1.0'
<
DisplayPort Alt Mode on lower Type-C connector (3
rd video monitor output)
Additional Front I/O (8HP)
<
Option RS-232, USB3, DisplayPort w. SCZ-NVM side card
<
Option quad port GbE M12-X receptacles w. SCL-RHYTHM side card
<
Option 2 x M12-X receptacles for Gigabit Ethernet (P01, as replacement for RJ45)
<
Option RS-232, HD-Audio, USB w. PCU-UPTEMPO side card
<
Custom specific front panel and side card design
© EKF
-6-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com