Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8110 Datasheet(PDF) 39 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 39 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 35Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 36Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 37Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 38Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 39Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 40Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 41Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 42Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 43Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
DS411-00007-3v1-E
39
MB97R8110
ComDat [2:0]:Output data control to COM2-0
bit
Initial
value
FuncEn[*] Setting Description
2
0
0
-
Written value is invalid and COM2 is not affected.
Return “0” to Read command.
1
0
“
L” level output to COM2.
1
“
H” level output to COM2.
1
0
0
-
Written value is invalid and COM1 is not affected.
Return “0” to Read command.
1
0
“
L” level output to COM1.
1
“
H” level output to COM1.
0
0
0
-
Written value is invalid and COM0 is not affected.
Return “0” to Read command.
1
0
“
L” level output to COM0.
1
“
H” level output to COM0.
Note. ComDat[2:0] will be updated only when the corresponded SetEn bit is 1.
The number(*) of FuncEn[*] indicates the corresponded bit number to ComDat[2:0] respectively
7.2.2 Reading GPIO setting
The GPIO status information (Table 7.2.1) can be read by Read command to WordPtr=9E00h (WordAdr=F00h).
FuncEn[3]:IINT data input control
bit
Initial
value
Read
value
Description
15
0
0
INT Input is rejected.
1
INT input is readable from InDat.
FuncEn[2:0]:Com[2:0] output control of ComDat[2:0] setting value
bit
Initial
value
Read
value
Description
14
0
0
COM2 is “Hi-Z” level.
1
ComDat[2] setting value is output to COM2.
13
0
0
COM1 is “Hi-Z” level.
1
ComDat[1] setting value is output to COM1.
12
0
0
COM0 is “Hi-Z” level.
1
ComDat[0] setting value is output to COM0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com