Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8110 Datasheet(PDF) 50 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 50 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 46Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 47Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 48Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 49Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 50Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 51Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 52Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 53Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 54Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
50
DS411-00007-3v1-E
MB97R8110
8 ELECTRICAL CHARACTERISTICS
8.1 Absolute Maximum Rating
Table 8.1 - Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Conditions/Remarks
MIN
TYP
MAX
Maximum input
voltage
Vmax
-
-
4.0
V
PWRP1-PWRM1,PWRP3-PWRM3
Power supply
voltage
VDD
-0.5
-
+4.0
V
Input voltage
VIN
-0.5
-
VDD+0.5
V
Output voltage
VOUT
-0.5
-
VDD+0.5
V
ESD voltage
immunity
VESD
-
-
±
1200
V
Human Body Model
Storage
temperature
Tstg
-40
-
+85
℃
8.2 Recommended Operation Conditions
Table 8.2 - Recommended Operation Conditions
Parameter
Symbol
Value
Unit
Conditions/Remarks
MIN TYP
MAX
Operating ambient
temperature
Ta
-40
-
+85
℃
Retention guaranteed
temperature
Trtn1
-40
-
+85
℃
Retention guaranteed period: 10years
RF communication
Antenna input
frequency
Fclk
860
-
960
MHz
Receiving modulation
depth
(A-B)/A
80
90
100
%
Receiving bit rate
F_fwd
26.7
-
128
kbps PIE code: mark rate =1/2
Receiving waveform
rise time
Tr
1
-
500
µs
Receiving waveform
settling time
Ts
-
-
1500
µs
Receiving waveform
fall time
Tf
1
-
500
µs
SPI slave communication
Power supply
voltage
VDD
1.8
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com