Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8110 Datasheet(PDF) 28 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 28 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 24Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 25Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 26Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 27Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 28Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 29Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 30Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 31Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 32Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
28
DS411-00007-3v1-E
MB97R8110
Figure 5.2.2 – SpiWrite command sequence
When AccessPassword is set, the data cannot be written. Therefore AccessPassword shall be cleared before SPI
slave communication. If the specified area includes the WordAdr protected by Area Password, only unprotected
address will be written and nothing will happen on protected address. If the specified area includes the WordAdr
locked by Lock command or BlockPermalock command, only writable address will be written and nothing will
happen on locked address for writing.
5.2.3 SpiRDSR
The SpiRDSR command is to read 16 bits of error information on SPI slave communication (refer to Chapter
5.3.1). The command sequence is described in Figure 5.2.3.
Through DI pin, the following data shall be input synchronously to the rising edge of SCK after XCS is fallen.
SpiRDSR operate-code (8bit:05h)
In response to the command input, the 16 bits of error information will be output from DO synchronously to the
falling edge of SCK. And SpiRDSR command will be completed when XCS is raised. If XCS is raised before the
command completes 16 cycles of clock to SCK, the command will be terminated and the output from DO will be
“Hi-Z”. During the period of output from DO, any input from DI will be ignored. If XCS keeps “L” level after
the command complete reading, the output from DO will be “L” level.
The error information will be cleared after SpiRDSR command is completed.
Figure 5.2.3 – SpiRDSR command sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com