Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB97R8110 Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB97R8110
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110 Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB97R8110 Datasheet HTML 9Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 10Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 11Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 12Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 13Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 14Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 15Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 16Page - RAMXEED LIMITED MB97R8110 Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
DS411-00007-3v1-E
13
MB97R8110
3.7 Power sequence and Arbitration
3.7.1 Arbitration between RF and SPI slave communication
The arbitration feature manages memory access from either RF interface or SPI interface in order to avoid any
interruption to each other. SPIREQ and SPIACK manages to switch communication from RF interface to SPI
interface by activating VDD, and vice versa.
In order to start SPI slave communication, the external SPI master device connected to this LSI shall set SPIREQ
to “H” level to request communication. Upon the request, this LSI sets SPIACK to “H” level after completing
active communication from RF interface. Then XCS shall be set to “L” level, and SPI slave communication will
be ready. It is possible to start SPI slave communication during the period when SPIACK is “L” level, even if
XCS is “L” level.
The example of arbitration sequence between RF and SPI slave communication is shown in Figure 3.7.1.
As described, when SPIACK is “L” level, any command input from SPI slave interface is prohibited even if
XCS is in “L” level. When SPIACK is “H” level, any command from RF interface is invalid and SPI slave
communication will be continued. In this case, SPIREQ shall be set to “L” after completing active
communication from SPI interface in order to switch to RF communication.
Figure 3.7.1 -The arbitration sequence between RF communication and SPI slave communication
In addition, SPI master function and Key Matrix scan function works as RF communication under the arbitration
sequence above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com