Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 17Page - STMicroelectronics VND9012AJ Datasheet HTML 18Page - STMicroelectronics VND9012AJ Datasheet HTML 19Page - STMicroelectronics VND9012AJ Datasheet HTML 20Page - STMicroelectronics VND9012AJ Datasheet HTML 21Page - STMicroelectronics VND9012AJ Datasheet HTML 22Page - STMicroelectronics VND9012AJ Datasheet HTML 23Page - STMicroelectronics VND9012AJ Datasheet HTML 24Page - STMicroelectronics VND9012AJ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
2.5
Electrical characteristics curves
Figure 12. OFF-state output current
GADG040820230821OSOC
50
40
30
20
10
0
-50
0
50
100
150
Iloff [nA]
T[°C]
Vin = Vout = 0
Off state
VCC = 13 V
Figure 13. Standby current
GADG040820230829STBC
25
20
15
10
5
0
-50
0
50
100
150
ISTBY [µA]
T [°C]
VCC = 13 V
Figure 14. IGND(ON) vs. Iout
GADG040820230832IGIO
6
4
2
0
-50
0
50
100
150
IGND(ON) [mA]
T [°C]
IOUT = 4.75 A
VCC = 13 V
Figure 15. Logic Input high level voltage
GADG040820230843LILLV
1.5
1
0.5
0
-50
0
50
100
150
ViIL ,VFRL ,VSELL ,VSEnL [V]
T [°C]
Figure 16. Logic Input low level voltage
GADG040820230843LILLV
1.5
1
0.5
0
-50
0
50
100
150
ViIL ,VFRL ,VSELL ,VSEnL [V]
T [°C]
Figure 17. High level logic input current
GADG040820230845HLLIC
0.8
0.6
0.4
0.2
0
-50
0
50
100
150
IiH ,IFRH ,ISELH ,ISEnH [µA]
T [°C]
VND9012AJ
Electrical specifications
DS12727 - Rev 5
page 21/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com