Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 39 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 35Page - STMicroelectronics VND9012AJ Datasheet HTML 36Page - STMicroelectronics VND9012AJ Datasheet HTML 37Page - STMicroelectronics VND9012AJ Datasheet HTML 38Page - STMicroelectronics VND9012AJ Datasheet HTML 39Page - STMicroelectronics VND9012AJ Datasheet HTML 40Page - STMicroelectronics VND9012AJ Datasheet HTML 41Page - STMicroelectronics VND9012AJ Datasheet HTML 42Page - STMicroelectronics VND9012AJ Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
7.2
PowerSSO-16 packing information
Figure 47. PowerSSO-16 reel 13"
Access Hole at
Slot Location
( 40 mm min.)
If present,
tape slot in core
for tape start:
2.5 mm min. width x
10.0 mm min. depth
C
N
W2
W1
D
A
B
TAPG2004151655CFT
Table 17. Reel dimensions
Description
Value(1)
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D (min)
20.2
N
100
W1 (+2 /-0)
12.4
W2 (max)
18.4
1. All dimensions are in mm.
Figure 48. PowerSSO-16 carrier tape
0.30 ±0.05
1.55 ±0.05
1.6 ±0.1
R 0.5
Typical
K1
K0
B0
P2
2.0 ±0.1
P0
4.0 ±0.1
P1
A 0
F
W
1.75 ±0.1
SECTION X - X
SECTION Y - Y
REF 4.18
REF 0.6
REF 0.5
X
X
Y
Y
GAPG2204151242CFT
VND9012AJ
Package information
DS12727 - Rev 5
page 39/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com