Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 28 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 24Page - STMicroelectronics VND9012AJ Datasheet HTML 25Page - STMicroelectronics VND9012AJ Datasheet HTML 26Page - STMicroelectronics VND9012AJ Datasheet HTML 27Page - STMicroelectronics VND9012AJ Datasheet HTML 28Page - STMicroelectronics VND9012AJ Datasheet HTML 29Page - STMicroelectronics VND9012AJ Datasheet HTML 30Page - STMicroelectronics VND9012AJ Datasheet HTML 31Page - STMicroelectronics VND9012AJ Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Figure 34. M0-9 application schematic
VDD
OUT
OUT
OUT
OUT
ADC in
OUT
GND
GND
GND
GND
Logic
OUTPUT
GND
FaultRST
INPUT
SEn
SEL
VCC
CS
Current mirror
Rprot_SEn
Rprot
Rprot
Rprot
Rprot
+5V
R
GND
Rsense
D
GND
Cext
GND
GND
1 μF
Rload_nom
4.3
MCU I/Os protection
If a ground protection network is used and negative transients are present on the VCC line, the control pins will be
pulled negative. ST suggests to insert a resistor (Rprot) in line both to prevent the microcontroller I/O pins from
latching-up and to protect the HSD inputs.
The value of these resistors is a compromise between the leakage current of microcontroller and the current
required by the HSD I/Os (Input levels compatibility) with the latch-up limit of microcontroller I/Os.
Equation
VCCpeak/Ilatchup ≤ Rprot ≤ (VOHµC - VIH - VGND) / IIHmax
Calculation example:
For VCCpeak = -150 V; Ilatchup ≥ 20 mA; VOHµC ≥ 4.5 V
7.5 kΩ ≤ Rprot ≤ 140 kΩ.
Recommended values: Rprot = 15 kΩ
A different value of the resistor has to be used for SEn pin, Rprot_SEn, as reported in Figure 32. Application
diagram.
4.4
CS - analog current sense
Diagnostic information on device and load status are provided by an analog output pin (CS) delivering the
following signals:
•
Current monitor: current mirror of channel output current
Those signals are routed through an analog multiplexer which is configured and controlled by means of SELx and
SEn pins, according to the address map in Table 7.
VND9012AJ
Application information
DS12727 - Rev 5
page 28/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com