Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 31 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 27Page - STMicroelectronics VND9012AJ Datasheet HTML 28Page - STMicroelectronics VND9012AJ Datasheet HTML 29Page - STMicroelectronics VND9012AJ Datasheet HTML 30Page - STMicroelectronics VND9012AJ Datasheet HTML 31Page - STMicroelectronics VND9012AJ Datasheet HTML 32Page - STMicroelectronics VND9012AJ Datasheet HTML 33Page - STMicroelectronics VND9012AJ Datasheet HTML 34Page - STMicroelectronics VND9012AJ Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Figure 37. Analog HSD – open-load detection in off-state
2.2 k
15k
15k
15k
15k
+5V
RGND
4.7k
Vbat
Rsense
15k
V
DD
OUT
OUT
OUT
OUT
ADC in
GND
OUT
100nF
GND
GND
GND
GND
GND
GND
100nF/50V
CEXT
D
GND
10nF /100V
GND
Microcontroller
OUTPUT
Vbat
Rpull-up
External
Pull -Up
switch
Logic
GND
FaultRST
INPUT
SEn
SEL
V
CC
CS
Cu rrent mirror
OUTPUT
GAPG1201151432CFT
Figure 38. Open-load / short to VCC condition
VSENSEH
VSENSE = 0
VSENSEH
tDSTKON
VSENSE
VSENSE
VIN
Pull-up connected
Pull-up
disconnected
Open-load
Short to VCC
GADG2702181218RI
VND9012AJ
Application information
DS12727 - Rev 5
page 31/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com