Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND9012AJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 3 Page - STMicroelectronics

  VND9012AJ Datasheet HTML 1Page - STMicroelectronics VND9012AJ Datasheet HTML 2Page - STMicroelectronics VND9012AJ Datasheet HTML 3Page - STMicroelectronics VND9012AJ Datasheet HTML 4Page - STMicroelectronics VND9012AJ Datasheet HTML 5Page - STMicroelectronics VND9012AJ Datasheet HTML 6Page - STMicroelectronics VND9012AJ Datasheet HTML 7Page - STMicroelectronics VND9012AJ Datasheet HTML 8Page - STMicroelectronics VND9012AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Logic
VCC
Gate driver
Clamp
VCC– OUT
limitation
Current
Sense
Current
Channel 0
control & diagnostic
shut- down
Undervoltage
Internal supply
clamp
GND
D
N
G
–
C
C
V
IN0
SEn
FaultRST
OUT0
CS
Channel 1
OUT1
CH 1
IN1
SEL
Reverse Battery
CH 0
Open-Load in OFF
Power limitation
Overtemperature
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1 Power output.
GND
Ground connection. Must be reverse battery protected by an external diode / resistor network.
INPUT0,1
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS outputs. It controls output switch
state.
CS
Multiplexed analog sense output pin; it delivers a current proportional to the selected load current.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables the CS diagnostic pin.
SEL
Active high compatible with 3 V and 5 V CMOS outputs pin; it addresses the CS multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in case of fault; If kept low, it
sets the outputs in auto-restart mode.
VND9012AJ
Block diagram and pin description
DS12727 - Rev 5
page 3/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com