Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 2Page - STMicroelectronics VND920 Datasheet HTML 3Page - STMicroelectronics VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Block diagram and pin description
VND920
6/26
Doc ID 7767 Rev 6
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Current Sense
N.C.
Output
Input
Floating
X
X
X
To ground
Through 1K
Ω
resistor
X
Through 10K
Ω
resistor
VCC 1
GND 1
INPUT 1
CURRENT SENSE 1
NC
VCC 1
VCC 2
GND 2
INPUT 2
CURRENT SENSE 2
VCC 2
VCC 2
OUTPUT 2
OUTPUT 2
OUTPUT 2
OUTPUT 2
OUTPUT 1
OUTPUT 1
OUTPUT 1
OUTPUT 1
VCC1
OUTPUT 2
OUTPUT 2
OUTPUT 1
OUTPUT 1
NC
NC
NC
1
14
15
28
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com