Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 1 Page - STMicroelectronics

  VND920 Datasheet HTML 1Page - STMicroelectronics VND920 Datasheet HTML 2Page - STMicroelectronics VND920 Datasheet HTML 3Page - STMicroelectronics VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
September 2013
Doc ID 7767 Rev 6
1/26
1
VND920
Double channel high-side solid-state relay
Features
■
CMOS compatible input
■
Proportional load current sense
■
Shorted load protection
■
Undervoltage and overvoltage shutdown
■
Overvoltage clamp
■
Thermal shutdown
■
Current limitation
■
Protection against loss of ground and loss of
VCC
■
Very low standby power dissipation
■
Reverse battery protected
Description
The VND920 is a double chip device designed in
STMicroelectronics™ VIPower™ M0-3
technology. The VND920 is intended for driving
any type of load with one side connected to
ground. The active VCC pin voltage clamp
protects the device against low energy spikes
(see ISO7637 transient compatibility table). Active
current limitation combined with thermal
shutdown and automatic restart protects the
device against overload.
The device integrates an analog current sense
output which delivers a current proportional to the
load current. The device automatically turns off in
the case where the ground pin becomes
disconnected.
Type
RDS(on)IOUT
VCC
VND920
16 m
Ω
35 A(1)
1.
Per channel with all the output pins connected to the
PCB.
36 V
SO-28 (double island)
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-28
VND920
VND92013TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VND920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND920 STMICROELECTRONICS-VND920 Datasheet
324Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
VND92013TR STMICROELECTRONICS-VND92013TR Datasheet
324Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
More results

Similar Description - VND920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600SP STMICROELECTRONICS-VND600SP Datasheet
195Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND920 STMICROELECTRONICS-VND920 Datasheet
324Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASP STMICROELECTRONICS-VND830ASP Datasheet
303Kb / 17P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Nov-2003
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
Double channel high-side solid state relay
19-Sep-2013
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com