Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 17Page - STMicroelectronics VND920 Datasheet HTML 18Page - STMicroelectronics VND920 Datasheet HTML 19Page - STMicroelectronics VND920 Datasheet HTML 20Page - STMicroelectronics VND920 Datasheet HTML 21Page - STMicroelectronics VND920 Datasheet HTML 22Page - STMicroelectronics VND920 Datasheet HTML 23Page - STMicroelectronics VND920 Datasheet HTML 24Page - STMicroelectronics VND920 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VND920
Package and PCB thermal data
Doc ID 7767 Rev 6
21/26
Figure 22.
Rthj-amb vs PCB copper area in open box free air condition
Figure 23.
Thermal impedance junction ambient single pulse
10
20
30
40
50
60
70
01
23
45
67
PCB Cu heatsink area (cm ^2)/island
RTHj_am b
(°C/W)
RthC
RthB
RthA
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
time(s)
Zth(°C/W)
One channel ON
Tw o channels ON
6 cm ^2/is land
3 cm ^2/is land
0,5 cm ^2/is land
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com